データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-90858-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-90858-001
部品情報  5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 2 Circuits, Reference K44
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-90858-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-90858-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-90858-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-90858-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-90858-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-90858-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-90858-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-90858-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-90858-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-90858-001 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0908580047
Status:
Active
Overview:
rast_5_connector_system
Description:
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 2 Circuits, Reference K44
Documents:
3D Model
Product Specification PS-99020-0037 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
90858
Application
Wire-to-Board
Overview
rast_5_connector_system
Product Name
RAST 5
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Natural
Durability (mating cycles max)
10
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.055 In
PCB Thickness Recommended (mm)
1.40 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Polarized to PCB
Yes
Shrouded
Fully
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
16A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90858Series
Mates With
Appli-Mate 5.0 IDT Connector System
Female Receptacle 90835 , 90833


同様の部品番号 - SD-90858-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-90858-001 MOLEX11-SD-90858-001 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits, Silver Plating,Reference K09
SD-90858-001 MOLEX11-SD-90858-001 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 2 Circuits, Reference K01
SD-90858-001 MOLEX11-SD-90858-001 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 6 Circuits, Reference K42
SD-90858-001 MOLEX11-SD-90858-001 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 7 Circuits, Reference K32
SD-90858-001 MOLEX11-SD-90858-001 Datasheet
1Mb / 9P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 2 Circuits, Reference K06
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com