データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74CB3Q3253DGVRG4 データシート(PDF) 6 Page - Texas Instruments

部品番号 74CB3Q3253DGVRG4
部品情報  DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74CB3Q3253DGVRG4 データシート(HTML) 6 Page - Texas Instruments

Back Button 74CB3Q3253DGVRG4 Datasheet HTML 2Page - Texas Instruments 74CB3Q3253DGVRG4 Datasheet HTML 3Page - Texas Instruments 74CB3Q3253DGVRG4 Datasheet HTML 4Page - Texas Instruments 74CB3Q3253DGVRG4 Datasheet HTML 5Page - Texas Instruments 74CB3Q3253DGVRG4 Datasheet HTML 6Page - Texas Instruments 74CB3Q3253DGVRG4 Datasheet HTML 7Page - Texas Instruments 74CB3Q3253DGVRG4 Datasheet HTML 8Page - Texas Instruments 74CB3Q3253DGVRG4 Datasheet HTML 9Page - Texas Instruments 74CB3Q3253DGVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VI − V
TYPICAL ron
vs
VI
VCC = 3.3 V
TA = 25°C
IO = −15 mA
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
OE or S Switching Frequency − MHz
TYPICAL ICC
vs
CONTROL INPUT SWITCHING FREQUENCY
VCC = 3.3 V
TA = 25°C
A and B ports Open
One S Switching
One OE Switching
SN74CB3Q3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS145A – OCTOBER 2003 – REVISED MARCH 2005
Figure 1. Typical ron vs VI, VCC = 3.3 V and IO = –15 mA
Figure 2. Typical ICC vs OE or S Switching Frequency, VCC = 3.3 V
6


同様の部品番号 - 74CB3Q3253DGVRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74CB3Q3253DGVRG4 TI-74CB3Q3253DGVRG4 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

同様の説明 - 74CB3Q3253DGVRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253_10 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_08 Datasheet
691Kb / 18P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306A-EP TI1-SN74CB3Q3306A-EP Datasheet
986Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
SN74CB3Q3306A TI-SN74CB3Q3306A Datasheet
176Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3305 TI-SN74CB3Q3305_09 Datasheet
457Kb / 13P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306ADCUR TI-SN74CB3Q3306ADCUR Datasheet
771Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com