データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD17507Q5A データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD17507Q5A
部品情報  30V, N-Channel NexFET??Power MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CSD17507Q5A データシート(HTML) 4 Page - Texas Instruments

  CSD17507Q5A Datasheet HTML 1Page - Texas Instruments CSD17507Q5A Datasheet HTML 2Page - Texas Instruments CSD17507Q5A Datasheet HTML 3Page - Texas Instruments CSD17507Q5A Datasheet HTML 4Page - Texas Instruments CSD17507Q5A Datasheet HTML 5Page - Texas Instruments CSD17507Q5A Datasheet HTML 6Page - Texas Instruments CSD17507Q5A Datasheet HTML 7Page - Texas Instruments CSD17507Q5A Datasheet HTML 8Page - Texas Instruments CSD17507Q5A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VDS - Drain-to-Source Voltage - V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
5
10
15
20
25
30
VGS = 2.5V
VGS = 3V
VGS = 3.5V
VGS = 4.5V
VGS = 8V
G001
VGS - Gate-to-Source Voltage - V
0
1
2
3
4
5
0.001
0.01
0.1
1
10
100
TC = -55°C
TC = 25°C
TC = 125°C
G002
VDS = 5V
Qg - Gate Charge - nC
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
2
6
10
14
18
G003
ID = 11A
VDS = 15V
V
- Drain-to-Source Voltage - V
DS
0
5
10
15
20
25
30
0.01
0.1
1
C
= C
+ C
iss
gd
gs
C
= C
+ C
oss
ds
gd
C
= C
rss
gd
G004
f = 1MHz
V
= 0V
GS
TC - Case Temperature - °C
-75
-25
25
75
125
175
0
0.5
1
1.5
2
2.5
G005
ID = 250µA
VGS - Gate-to-Source Voltage - V
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
TC = 25°C
TC = 125°C
G006
ID = 11A
CSD17507Q5A
SLPS243A – JULY 2010 – REVISED AUGUST 2010
www.ti.com
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 4. Gate Charge
Figure 5. Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 6. Threshold Voltage vs. Temperature
Figure 7. On-State Resistance vs. Gate-to-Source Voltage
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CSD17507Q5A


同様の部品番号 - CSD17507Q5A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17507Q5A TI-CSD17507Q5A Datasheet
511Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17507Q5AT TI1-CSD17507Q5AT Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17507Q5A TI-CSD17507Q5A_11 Datasheet
511Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results

同様の説明 - CSD17507Q5A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com