データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12029A データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL12029A
部品情報  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12029A データシート(HTML) 4 Page - Intersil Corporation

  ISL12029A Datasheet HTML 1Page - Intersil Corporation ISL12029A Datasheet HTML 2Page - Intersil Corporation ISL12029A Datasheet HTML 3Page - Intersil Corporation ISL12029A Datasheet HTML 4Page - Intersil Corporation ISL12029A Datasheet HTML 5Page - Intersil Corporation ISL12029A Datasheet HTML 6Page - Intersil Corporation ISL12029A Datasheet HTML 7Page - Intersil Corporation ISL12029A Datasheet HTML 8Page - Intersil Corporation ISL12029A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
FN6206.9
August 12, 2010
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT, SCL, SDA, and IRQ/FOUT Pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on X1 and X2 Pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.5V
Latchup (Note 4) . . . . . . . . . . . . . . . . . . . Class II, Level B @ +85°C
ESD Rating
Human Body Model (MIL-STD-883, Method 3014) . . . . . . .>±2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>175V
Thermal Resistance (Typical)
θ
JA (°C/W)
θ
JC (°C/W)
14 Ld SOIC Package (Notes 5, 6) . . . .
90
40
14 Ld TSSOP Package (Note 5, 6) . . .
110
35
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are: Using a max positive pulse of 8.35V on all pins except X1 and
X2, Using a max positive pulse of 2.75V on X1 and X2, and using a max negative pulse of -1V for all pins.
5.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θ
JC, the “case temp” location is taken at the package top center.
DC Electrical Specifications
Unless otherwise noted, VDD = +2.7V to +5.5V, TA = -40°C to +85°C, Typical values are at TA = +25°C
and VDD = 3.3V. Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 16)
TYP
MAX
(Note 16)
UNIT
NOTES
VDD
Main Power Supply
2.7
5.5
V
VBAT
Backup Power Supply
1.8
5.5
V
Electrical Specifications
Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 16)
TYP
MAX
(Note 16)
UNIT
NOTES
IDD1
Supply Current with I2C Active
VDD = 2.7V
500
µA
7, 8, 9
VDD = 5.5V
800
µA
IDD2
Supply Current for Non-Volatile
Programming
VDD = 2.7V
2.5
mA
7, 8, 9
,
VDD = 5.5V
3.5
mA
IDD3
Supply Current for Main
Timekeeping (Low Power Mode)
VDD = VSDA = VSCL = 2.7V
10
µA
9
VDD = VSDA = VSCL = 5.5V
20
µA
IBAT
Battery Supply Current
VBAT = 1.8V,
VDD = VSDA = VSCL= VRESET = 0V
800
1000
nA
7, 10, 11
VBAT = 3.0V,
VDD = VSDA = VSCL= VRESET = 0V
850
1200
nA
IBATLKG
Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
-100
100
nA
VTRIP
VBAT Mode Threshold
1.8
2.2
2.6
V11
VTRIPHYS VTRIP Hysteresis
30
mV
11, 13
VBATHYS
VBAT Hysteresis
50
mV
11, 13
VDD SR-
VDD Negative Slew Rate
10
V/ms
12
IRQ/FOUT, RESET OUTPUTS
VOL
Output Low Voltage
VDD = 5.5V
IOL = 3mA
0.4
V
VDD = 2.7V
IOL = 1mA
0.4
V
ILO
Output Leakage Current
VDD = 5.5V
VOUT =5.5V
100
400
nA
ISL12029, ISL12029A


同様の部品番号 - ISL12029A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12029A INTERSIL-ISL12029A Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12029A RENESAS-ISL12029A Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
logo
Intersil Corporation
ISL12029AIB27Z INTERSIL-ISL12029AIB27Z Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12029AIB27Z RENESAS-ISL12029AIB27Z Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
logo
Intersil Corporation
ISL12029AIV27Z INTERSIL-ISL12029AIV27Z Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results

同様の説明 - ISL12029A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com