データシートサーチシステム |
|
TL431BIDCKTG4 データシート(PDF) 3 Page - Texas Instruments |
|
TL431BIDCKTG4 データシート(HTML) 3 Page - Texas Instruments |
3 / 76 page TL431, TL431A, TL431B TL432, TL432A, TL432B www.ti.com SLVS543K – AUGUST 2004 – REVISED JUNE 2010 Vref TOLERANCE (25°C) = 2% TL431, TL432 ORDERING INFORMATION(1) TOP-SIDE TA PACKAGE(2) ORDERABLE PART NUMBER MARKING(3) PDIP (P) Tube of 50 TL431CP TL431CP Tube of 75 TL431CD SOIC (D) TL431C Reel of 2500 TL431CDR SOP (PS) Reel of 2000 TL431CPSR T431 Reel of 3000 TL431CDBVR T3C_ Reel of 250 TL431CDBVT SOT-23-5 (DBV) Reel of 3000 TL432CDBVR T4C_ Reel of 250 TL432CDBVT Reel of 3000 TL431CDBZR T3C_ 0°C to 70°C Reel of 250 TL431CDBZT SOT-23-3 (DBZ) Reel of 3000 TL432CDBZR T4C_ Reel of 250 TL432CDBZT TL431CPK 43 SOT-89 (PK) Reel of 1000 TL432CPK 2A Bulk of 1000, straight lead TL431CLP TO-226/TO-92 (LP) Ammo of 2000, formed lead TL431CLPM TL431C Reel of 2000, formed lead TL431CLPR Tube of 150 TL431CPW TSSOP (PW) T431 Reel of 2000 TL431CPWR PDIP (P) Tube of 50 TL431IP TL431IP Tube of 75 TL431ID SOIC (D) TL431I Reel of 2500 TL431IDR Reel of 3000 TL431IDBVR T3I_ Reel of 250 TL431IDBVT SOT-23-5 (DBV) Reel of 3000 TL432IDBVR T4I_ Reel of 250 TL432IDBVT Reel of 3000 TL431IDBZR -40°C to 85°C T3I_ Reel of 250 TL431IDBZT SOT-23-3 (DBZ) Reel of 3000 TL432IDBZR T4I_ Reel of 250 TL432IDBZT TL431IPK 3I SOT-89 (PK) Reel of 1000 TL432IPK 2B Bulk of 1000, straight lead TL431ILP TO-226/TO-92 (LP) Ammo of 2000, formed lead TL431ILPM TL431I Reel of 2000, formed lead TL431ILPR (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site. Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B |
同様の部品番号 - TL431BIDCKTG4 |
|
同様の説明 - TL431BIDCKTG4 |