データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431CDR データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL431CDR
部品情報  PRECISION PROGRAMMABLE REFERENCE
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL431CDR データシート(HTML) 10 Page - Texas Instruments

Back Button TL431CDR Datasheet HTML 6Page - Texas Instruments TL431CDR Datasheet HTML 7Page - Texas Instruments TL431CDR Datasheet HTML 8Page - Texas Instruments TL431CDR Datasheet HTML 9Page - Texas Instruments TL431CDR Datasheet HTML 10Page - Texas Instruments TL431CDR Datasheet HTML 11Page - Texas Instruments TL431CDR Datasheet HTML 12Page - Texas Instruments TL431CDR Datasheet HTML 13Page - Texas Instruments TL431CDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VKA
Cathode voltage(2)
37
V
IKA
Continuous cathode current range
–100
150
mA
II(ref)
Reference input current range
–0.05
10
mA
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ANODE, unless otherwise noted.
PACKAGE THERMAL DATA
(1)
PACKAGE
BOARD
qJC
qJA
PDIP (P)
High K, JESD 51-7
57°C/W
85°C/W
SC-70 (DCK)
High K, JESD 51-7
259°C/W
87°C/W
SOIC (D)
High K, JESD 51-7
39°C/W
97°C/W
SOP (PS)
High K, JESD 51-7
46°C/W
95°C/W
SOT-89 (PK)
High K, JESD 51-7
9°C/W
52°C/W
SOT-23-5 (DBV)
High K, JESD 51-7
131°C/W
206°C/W
SOT-23-3 (DBZ)
High K, JESD 51-7
76°C/W
206°C/W
TO-92 (LP)
High K, JESD 51-7
55°C/W
140°C/W
TSSOP (PW)
High K, JESD 51-7
65°C/W
149°C/W
(1)
Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VKA
Cathode voltage
Vref
36
V
IKA
Cathode current
1
100
mA
TL43xxC
0
70
TA
Operating free-air temperature
TL43xxI
–40
85
°C
TL43xxQ
–40
125
10
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B


同様の部品番号 - TL431CDR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL431CDR TI-TL431CDR Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431CDR TI1-TL431CDR Datasheet
2Mb / 77P
[Old version datasheet]   Precision Programmable Reference
TL431CDR TI-TL431CDR Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431CDR TI1-TL431CDR Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL431CDR TI-TL431CDR Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

同様の説明 - TL431CDR

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com