データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6302 データシート(PDF) 3 Page - Sirectifier Global Corp.

部品番号 1N6302
部品情報  1500W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIRECT [Sirectifier Global Corp.]
ホームページ  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

1N6302 データシート(HTML) 3 Page - Sirectifier Global Corp.

  1N6302 Datasheet HTML 1Page - Sirectifier Global Corp. 1N6302 Datasheet HTML 2Page - Sirectifier Global Corp. 1N6302 Datasheet HTML 3Page - Sirectifier Global Corp. 1N6302 Datasheet HTML 4Page - Sirectifier Global Corp. 1N6302 Datasheet HTML 5Page - Sirectifier Global Corp. 1N6302 Datasheet HTML 6Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
http:// www.sirectsemi.com
BREAKDOWN
VBR(VOLTS)
DEVICE
GENERAL
PART
NUMBER
MIN
MAX
@IT
(mA)
WORKING
PEAK
REVERSE
VOLTAGE
VRWM(VOLTS)
MAXIMUM
REVERSE
LEAKAGE
AT VRWM
IR(
μA)
MAXIMUM
REVERSE
CURRENT
IRSM
(AMPS)
MAX
CLAMPING
VOLTAGE
VRWM
(VOLTS)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR(%C)
VRSM(VOLTS)
1N6294
1N6294A
1N6295
1N6295A
1N6296
1N6296A
1N6297
1N6297A
1N6298
1N6298A
1N6299
1N6299A
1N6300
1N6300A
1N6301
1N6301A
1N6302
1N6302A
1N6303
1N6303A
1.5KE91(C)-LF
1.5KE91(C)A-LF
1.5KE100(C)-LF
1.5KE100(C)A-LF
1.5KE110(C)-LF
1.5KE110(C)A-LF
1.5KE120(C)-LF
1.5KE120(C)A-LF
1.5KE130(C)-LF
1.5KE130(C)A-LF
1.5KE150(C)-LF
1.5KE150(C)A-LF
1.5KE160(C)-LF
1.5KE160(C)A-LF
1.5KE170(C)-LF
1.5KE170(C)A-LF
1.5KE180(C)-LF
1.5KE180(C)A-LF
1.5KE200(C)-LF
1.5KE200(C)A-LF
1.5KE220(C)-LF
1.5KE220(C)A-LF
1.5KE250(C)-LF
1.5KE250(C)A-LF
1.5KE300(C)-LF
1.5KE300(C)A-LF
1.5KE350(C)-LF
1.5KE350(C)A-LF
1.5KE400(C)-LF
1.5KE400(C)A-LF
1.5KE440(C)-LF
1.5KE440(C)A-LF
1.5KE480(C)-LF
1.5KE480(C)A-LF
1.5KE510(C)-LF
1.5KE510(C)A-LF
1.5KE540(C)-LF
1.5KE540(C)A-LF
81.9
86.5
90.0
95.0
99.0
106.0
108.0
114.0
117.0
124.0
136.0
143.0
144.0
152.0
153.0
162.0
162.0
171.0
180.0
190.0
196.0
209.0
225.0
237.0
270.0
285.0
315.0
333.0
360.0
380.0
396.0
418.0
432.0
456.0
459.0
485.0
486.0
513.0
100.0
95.50
110.0
105.0
121.0
116.0
132.0
126.0
143.0
137.0
165.0
158.0
176.0
168.0
187.0
179.0
198.0
189.0
220.0
210.0
242.0
231.0
275.0
263.0
330.0
315.0
385.0
368.0
440.0
420.0
484.0
462.0
528.0
504.0
561.0
535.0
594.0
567.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
73.7
77.8
81.0
85.5
89.2
94.0
97.2
102.0
106.0
111.0
121.0
128.0
130.0
136.0
138.0
145.0
146.0
154.0
162.0
171.0
175.0
185.0
202.0
214.0
243.0
256.0
284.0
300.0
324.0
342.0
356.0
376.0
389.0
408.0
413.0
434.0
437.0
459.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
11.4
12.0
10.4
11.0
9.5
9.9
8.7
9.1
8.0
8.4
7.0
7.2
6.5
6.8
6.2
6.4
5.8
6.1
5.2
5.5
4.4
4.6
4.2
4.4
3.5
3.6
3.0
3.1
2.6
2.7
2.4
2.5
2.19
2.28
2.06
2.15
1.94
2.03
131.8
125.0
144.0
137.0
158.0
152.0
173.0
165.0
187.0
179.0
215.0
207.0
230.0
219.0
244.0
234.0
258.0
246.0
287.0
274.0
344.0
328.0
360.0
344.0
430.0
414.0
504.0
482.0
574.0
548.0
631.0
602.0
686.0
658.0
729.0
698.0
772.0
740.0
0.106
0.106
0.106
0.106
0.107
0.107
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
NOTES:
1. VBR MEASURED AFTER IT APPLIED FOR 300 μS,IT=SQUARE WAVE PULSE OR EQUIVALENT
2. SURGE CURRENT WAVEFORM PER FIGURE 3 AND DERATED PER FIGURE 2.
3. VF=3.5V MAX, IF=100A (1.5KE6.8(C) THRU 1.5KE200(C)A)
VF=6.5V MAX, IF=100A (1.5KE220(C) THRU 1.5KE540(C)A) PER 1/2 SQUARE OR EQUIVALENT SINE WAVE.
PW=8.3ms, DUTY CYCLE=4 PULSES PER MINUTE MXIMUM
4. FOR BIPOLAR TYPES HAVING VRWM OF 10 VOLTS AND UNDER, THE IR LIMIT IS DOUBLED


同様の部品番号 - 1N6302

メーカー部品番号データシート部品情報
logo
Transys Electronics
1N6302 TRSYS-1N6302 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6302 CHONGQING-1N6302 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1N6302 DCCOM-1N6302 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6302 GOOD-ARK-1N6302 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
EIC discrete Semiconduc...
1N6302 EIC-1N6302 Datasheet
27Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - 1N6302

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com