データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6303 データシート(PDF) 1 Page - Sirectifier Global Corp.

部品番号 1N6303
部品情報  1500W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIRECT [Sirectifier Global Corp.]
ホームページ  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

1N6303 データシート(HTML) 1 Page - Sirectifier Global Corp.

  1N6303 Datasheet HTML 1Page - Sirectifier Global Corp. 1N6303 Datasheet HTML 2Page - Sirectifier Global Corp. 1N6303 Datasheet HTML 3Page - Sirectifier Global Corp. 1N6303 Datasheet HTML 4Page - Sirectifier Global Corp. 1N6303 Datasheet HTML 5Page - Sirectifier Global Corp. 1N6303 Datasheet HTML 6Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
http:// www.sirectsemi.com
1500W TRANSIENT VOLTAGE SUPPRESSOR
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
1500W SURGE CAPABILITY AT 1ms
EXCELLENT CLAMPING CAPABILITY
LOW ZENER IMPEDANCE
FAST RESPONSE TIME:TYPICALLY LESS THAN 1.0 PS FROM
0 VOLTS TO BV MIN
TYPICAL IR LESS THAN 1
μA ABOVE 10V
HIGH TEMPERATURE SOLDERING GUARANTEED:260℃/10S
/.375〞(9.5mm) LEAD LENGTH/5LBS., (2.3KG) TENSION
LEAD FREE
MECHANICAL DATA
CASE:MOLDED PLASTIC
TERMINALS︰AXIAL LEADS, SOLDERABLE PER MIL-STD-202,
METHOD 208
POLARITY:COLOR BAND DENOTED CATHODE EXCEPT
BIPOLAR
CASE:DO-201AE
WEIGHT:1.2 GRAMS
DIMENSIONS IN INCHES AND (MILLIMETERS)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
RATINGS
SYMBOL
VALUE
UNITS
PEAK POWER DISSIPATION AT TA=25℃, TP=1ms(NOTE1)
PPK
MINIMUM 1500
WATTS
PEAK PULSE CURRENT WITH A 10/1000us WAVEFORM(NOTE 1)
IPPM
SEE NEXT TABLE
A
STEADY STATE POWER DISSIPATION AT TL=75℃,
LEAD LENGTHS 0.375” (9.5mm) (NOTE2)
PM(AV)
6.5
WATTS
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
(JEDEC METHOD) (NOTE 3)
IFSM
200
Amps
TYPICAL THERMAL RESISTANCE JUNCTUION-TO-AMBIENT
RθJA
75
℃/W
OPERATING AND STORAGE TEMPERATURE RANGE
TJ,TSTG
- 55 TO + 175
NOTE
1. NON-REPETITIVE CURRENT PULSE, PER FIG.3 AND DERATED ABOVE TA=25℃PER FIG 2.
2. MOUNTED ON COPPER PAD AREA OF 1.6×1.6” (40×40mm) PER FIG. 5
3. 8.3ms SINGLE HALF SINE-WAVE, DUTY CYCLE=4 PULSES PER MINUTES MAXIMUM
4. FOR BIDIRECTIONAL USE C SUFFIX FOR 10﹪TOLERANCE, CA SUFFIX FOR 5﹪TOLERANCE
1.5KE6.8(C)-LF
THRU
1.5KE540(C)A-LF
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
1.0(25.4)
MIN
.042(1.07)
.037(0.94)
E L E C T R O N I C


同様の部品番号 - 1N6303

メーカー部品番号データシート部品情報
logo
Transys Electronics
1N6303 TRSYS-1N6303 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6303 VISHAY-1N6303 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Luguang Electr...
1N6303 LUGUANG-1N6303 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6303 DCCOM-1N6303 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6303 CHONGQING-1N6303 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - 1N6303

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com