データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6303 データシート(PDF) 4 Page - Sirectifier Global Corp.

部品番号 1N6303
部品情報  1500W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIRECT [Sirectifier Global Corp.]
ホームページ  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

1N6303 データシート(HTML) 4 Page - Sirectifier Global Corp.

  1N6303 Datasheet HTML 1Page - Sirectifier Global Corp. 1N6303 Datasheet HTML 2Page - Sirectifier Global Corp. 1N6303 Datasheet HTML 3Page - Sirectifier Global Corp. 1N6303 Datasheet HTML 4Page - Sirectifier Global Corp. 1N6303 Datasheet HTML 5Page - Sirectifier Global Corp. 1N6303 Datasheet HTML 6Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
http:// www.sirectsemi.com
RATINGS AND CHARACTERISTIC CURVES 1.5KE6.8(C)-LF THRU 1.5KE540(C)A-LF
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
10
1.0
0.1
0.1US
1.0US
10US
100US
1.0MS
10MS
td, PULSE WIDTH, sec
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
TA=25℃
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
10,000
1,000
100
10
UNDIRECTIONAL
BIDIRECTIONAL
VR=0
VR=RATED
STAND-OFF
VOLTAGE
F=1 MHZ
Vsig=50mVp-p
TJ=25℃
5
10
100
500
V(BR), BREAKDOWN VOLTAGE, VOLTS
FIG. 3 - PULSE WAVEFORM
150
100
50
0
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPP
tr =10usec.
PEAK VALUE
IPPM
HALF VALUE
10/1000uSec. WAVEFORM
as DEFINED by R.E.A.
0
1.0
2.0
3.0
4.0
t, TIME,ms
td
Ipp
2
FIG. 2 - PULSE DERATING CURVE
100
75
50
25
0
0
25
50
75
100
125
150
175
200
Ta, AMBIENT TEMPERATURE,℃
FIG. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
200
100
10
1
10
100
NUMBER OF CYCLES AT 60HZ
9.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=Tjmax.
L=0.375” (9.5mm)
Lead Lengths
1.6×1.6×.040”
(40×40×1mm)
Copper Heat Sinks
60Hz Resistive or
Inductive Load
FIG. 5 – STEADY STATE POWER DERATING CURVE
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE (℃)
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=Tjmax.


同様の部品番号 - 1N6303

メーカー部品番号データシート部品情報
logo
Transys Electronics
1N6303 TRSYS-1N6303 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6303 VISHAY-1N6303 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Luguang Electr...
1N6303 LUGUANG-1N6303 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6303 DCCOM-1N6303 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6303 CHONGQING-1N6303 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - 1N6303

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com