データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB2100 データシート(PDF) 3 Page - Sirectifier Global Corp.

部品番号 SB2100
部品情報  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIRECT [Sirectifier Global Corp.]
ホームページ  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB2100 データシート(HTML) 3 Page - Sirectifier Global Corp.

  SB2100 Datasheet HTML 1Page - Sirectifier Global Corp. SB2100 Datasheet HTML 2Page - Sirectifier Global Corp. SB2100 Datasheet HTML 3Page - Sirectifier Global Corp. SB2100 Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3
7. Safe Handling and Storage Method
▲ Handling: Mask or dust respirator (avoid inhalation of powder).
▲ Storage: Store in warehouse and keep at 0 ~ 70℃
▲ Expiration: 3 years
8. Exposure Controls/ Personal Protection
Project control: Install ventilation blower.
Individual prevention:
▲ Breath protection: Ordinary Mask.
▲ Hand protection: Clothes glove
▲ Eye protection: Goggles
▲ Skin and body protection: Wear protective gloves and clean body-covering clothing.
Health measure: No information available.
9. Physical and Chemical Properties
State of matter: Solid
Shape: Tablets.
Color: Black
Smell: Not applicable.
pH value: Not applicable.
Boiling point/ boiling point scope: Not applicable.
Decomposition temperature: No information.
Dodges the fire point: No information
Test method: No data.
Natural temperature: No information.
Detonation boundary: No data.
Steams the barometric pressure: No data.
Vapor density: No data.
Density: Not applicable.
Solubility: Not applicable.
10. Stability and Reactivity
Stability: Stable under ordinary conditions of use and storage.
Under the special condition possibly harms responded: Hazardous polymerization will not occur.
Conditions to avoid: Heat, flame, ignition sources, dust and incompatibles.
Materials to avoid: Addition of amine under uncontrolled condition.
Harm resolvent: HBr(>380℃), Complete combustion will emit carbon dioxide and water when
heated to decomposition. Incomplete combustion gives in addition carbon monoxide and oxidation
products, including phenols and aldehydes.
Sirectifier Global Corp., Delaware, U.S.A.
Sales Representatives:
U.S.A. -
Center in the City of Newark,
e-mail: sgc@sirectsemi.com
113 Barksdale Professional
China -
Room.708,Building,23,Fenherili
Garden Renmingnan Rd.,
e-mail: silicontek@ic37.com
Taiwan -
5F, NO. 316, Chongyang Rd.,
Nangang Chiu, Taipei, Taiwan
e-mail: se@sirectsemi.com
Rd., Huaykwang, Bangkok
10310, Thailand
29/123 F.8 Siam Condo. Rama 9
e-mail: th@sirectsemi.com
Thailand -
www.sirectsemi.com
County of New Castle, Delaware
Longhua district, Shenzhen


同様の部品番号 - SB2100

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB2100 PANJIT-SB2100 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Galaxy Semi-Conductor H...
SB2100 BILIN-SB2100 Datasheet
281Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SB2100 SEMTECH_ELEC-SB2100 Datasheet
364Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SB2100 FS-SB2100 Datasheet
125Kb / 2P
   Schottky Rectifier
logo
Formosa MS
SB2100 FORMOSA-SB2100 Datasheet
160Kb / 6P
   Axial Leaded Schottky Barrier Rectifier
More results

同様の説明 - SB2100

メーカー部品番号データシート部品情報
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com