データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLML9303TRPBF データシート(PDF) 10 Page - International Rectifier

部品番号 IRLML9303TRPBF
部品情報  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLML9303TRPBF データシート(HTML) 10 Page - International Rectifier

Back Button IRLML9303TRPBF Datasheet HTML 2Page - International Rectifier IRLML9303TRPBF Datasheet HTML 3Page - International Rectifier IRLML9303TRPBF Datasheet HTML 4Page - International Rectifier IRLML9303TRPBF Datasheet HTML 5Page - International Rectifier IRLML9303TRPBF Datasheet HTML 6Page - International Rectifier IRLML9303TRPBF Datasheet HTML 7Page - International Rectifier IRLML9303TRPBF Datasheet HTML 8Page - International Rectifier IRLML9303TRPBF Datasheet HTML 9Page - International Rectifier IRLML9303TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLML9303TRPbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.05/2010
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board.
„ Refer to application note #AN-994.
MS L1
(per IPC/JE DE C J-S T D-020D
††† )
RoHS compliant
Yes
Micro3
Qualification information
Moisture Sensitivity Level
Qualification level
Cons umer
††
(per JE DE C JE S D47F
††† guidelines )
Note
Form
Quantity
IRLML9303TRPbF
Micro3
Tape and Reel
3000
Orderable part number
Package Type
Standard Pack


同様の部品番号 - IRLML9303TRPBF

メーカー部品番号データシート部品情報
logo
ZP Semiconductor
IRLML9303TRPBF ZPSEMI-IRLML9303TRPBF Datasheet
286Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML9303TRPBF VBSEMI-IRLML9303TRPBF Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

同様の説明 - IRLML9303TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com