データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5749 データシート(PDF) 7 Page - Analog Devices

部品番号 AD5749
部品情報  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5749 データシート(HTML) 7 Page - Analog Devices

Back Button AD5749 Datasheet HTML 3Page - Analog Devices AD5749 Datasheet HTML 4Page - Analog Devices AD5749 Datasheet HTML 5Page - Analog Devices AD5749 Datasheet HTML 6Page - Analog Devices AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices AD5749 Datasheet HTML 10Page - Analog Devices AD5749 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5749
Rev. 0 | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4.
Parameter
Rating
AVDD to GND
−0.3 V to +58 V
DVCC to GND
−0.3 V to +7 V
Digital Inputs to GND
−0.3 V to DVCC + 0.3 V, or 7 V
(whichever is less)
Digital Outputs to GND
−0.3 V to DVCC + 0.3 V, or 7 V
(whichever is less)
VREF to GND
−0.3 V to +7 V
VIN to GND
−0.3 V to +7 V
IOUT to GND
−0.3 V to AVDD
Operating Temperature Range
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
125°C
32-Lead LFCSP Package
θJA Thermal Impedance
28°C/W
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
ESD CAUTION


同様の部品番号 - AD5749

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5749 AD-AD5749 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5749ACPZ AD-AD5749ACPZ Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5749ACPZ-RL7 AD-AD5749ACPZ-RL7 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
More results

同様の説明 - AD5749

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
logo
Intersil Corporation
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
370Kb / 13P
   Guaranteed Lower Max Supply Current for All Temperature Ranges
logo
Linear Technology
LT6210 LINER-LT6210_15 Datasheet
351Kb / 18P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT6210 LINER-LT6210 Datasheet
457Kb / 16P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com