データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5735 データシート(PDF) 2 Page - Analog Devices

部品番号 AD5735
部品情報  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5735 データシート(HTML) 2 Page - Analog Devices

  AD5735 Datasheet HTML 1Page - Analog Devices AD5735 Datasheet HTML 2Page - Analog Devices AD5735 Datasheet HTML 3Page - Analog Devices AD5735 Datasheet HTML 4Page - Analog Devices AD5735 Datasheet HTML 5Page - Analog Devices AD5735 Datasheet HTML 6Page - Analog Devices AD5735 Datasheet HTML 7Page - Analog Devices AD5735 Datasheet HTML 8Page - Analog Devices AD5735 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
AD5755/AD5735
Preliminary Technical Data
Rev. PrG | Page 2 of 34
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Product Highlights ........................................................................... 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Performance Characteristics................................................ 6
Timing Characteristics ................................................................ 8
Absolute Maximum Ratings.......................................................... 11
ESD Caution................................................................................ 11
Pin Configuration and Function Descriptions........................... 12
Typical Performance Characteristics ........................................... 15
Theory of Operation ...................................................................... 16
DAC Architecture....................................................................... 16
Power On State of AD5755/AD5735 ....................................... 16
Serial Interface ............................................................................ 17
Transfer Function ....................................................................... 17
Registers........................................................................................... 18
Programming Sequence to Write/Enable the Output
Correctly...................................................................................... 19
Changing and Reprogramming the Range ............................. 19
Data Registers ............................................................................. 20
Control Registers........................................................................ 23
Readback Operation .................................................................. 26
Features............................................................................................ 28
Output Fault................................................................................ 28
Voltage Output Short Circuit Protection ................................ 28
Digital Offset and Gain Control............................................... 28
Status Readback During Write ................................................. 28
Asynchronous Clear................................................................... 29
Packet Error Checking............................................................... 29
Watchdog timer.......................................................................... 29
Output Alert................................................................................ 29
Internal Reference ...................................................................... 29
External current setting resistor............................................... 29
Slew rate control ......................................................................... 29
Power Dissipation control......................................................... 30
DC-DC Converters.................................................................... 30
Applications Information.............................................................. 32
Precision Voltage Reference Selection..................................... 32
Driving Inductive Loads............................................................ 32
Transient voltage protection ..................................................... 32
Microprocessor Interfacing....................................................... 32
Layout Guidelines....................................................................... 33
Galvanically Isolated Interface ................................................. 33
Outline Dimensions....................................................................... 34
Ordering Guide .......................................................................... 34


同様の部品番号 - AD5735

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5735 AD-AD5735 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5735 AD-AD5735 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5735ACPZ AD-AD5735ACPZ Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5735ACPZ-REEL7 AD-AD5735ACPZ-REEL7 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
More results

同様の説明 - AD5735

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com