データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8494 データシート(PDF) 4 Page - Analog Devices

部品番号 AD8494
部品情報  Precision Thermocouple Amplifiers with Cold Junction Compensation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8494 データシート(HTML) 4 Page - Analog Devices

  AD8494_1 Datasheet HTML 1Page - Analog Devices AD8494_1 Datasheet HTML 2Page - Analog Devices AD8494_1 Datasheet HTML 3Page - Analog Devices AD8494_1 Datasheet HTML 4Page - Analog Devices AD8494_1 Datasheet HTML 5Page - Analog Devices AD8494_1 Datasheet HTML 6Page - Analog Devices AD8494_1 Datasheet HTML 7Page - Analog Devices AD8494_1 Datasheet HTML 8Page - Analog Devices AD8494_1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8494/AD8495/AD8496/AD8497
Rev. 0 | Page 4 of
16
A Grade
C Grade
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
TEMPERATURE RANGE (TA)
Specified Performance
AD8494/AD8495
0
50
0
50
°C
AD8496/AD8497
25
100
25
100
°C
Operational
−40
+125
−40
+125
°C
1 Ambient temperature rejection specifies the change in the output measurement (in °C) for a given change in temperature of the cold junction. For the AD8494 and
AD8495, ambient temperature rejection is defined as the slope of the line connecting errors calculated at 0°C and 50°C ambient temperature. For the AD8496 and
AD8497, ambient temperature rejection is defined as the slope of the line connecting errors calculated at 25°C and 100°C ambient temperature.
2 Error does not include thermocouple gain error or thermocouple nonlinearity.
3 With a 100 kΩ load, measurement junction temperatures beyond approximately 880°C for the AD8494 and AD8496 and beyond approximately 960°C for the AD8495
and AD8497 require supply voltages larger than 5 V or a negative voltage applied to the reference pin. Measurement junction temperatures below 5°C require either a
positive offset voltage applied to the reference pin or a negative supply.
4 Input stage uses PNP transistors, so bias current always flows out of the part.
5 Large output currents can increase the internal temperature rise of the part and contribute to cold junction compensation (CJC) error.
6 Unbalanced supplies can also be used. Care should be taken that the common-mode voltage of the thermocouple stays within the input voltage range of the part.


同様の部品番号 - AD8494_1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8494 AD-AD8494_18 Datasheet
508Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
More results

同様の説明 - AD8494_1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8494 AD-AD8494_18 Datasheet
508Kb / 16P
   Precision Thermocouple Amplifiers with Cold Junction Compensation
AD8494 AD-AD8494 Datasheet
2Mb / 15P
   Thermocouple Amplifiers With Cold Junction Compensation
Rev. PrA
AD594 AD-AD594_15 Datasheet
140Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
146Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594ADZ AD-AD594ADZ Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594 AD-AD594 Datasheet
136Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595 AD-AD595_15 Datasheet
140Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594CDZ AD-AD594CDZ Datasheet
131Kb / 8P
   Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
   COLD JUNCTION COMPENSATION MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com