データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5353 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FAN5353
部品情報  3MHz, 3A Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5353 データシート(HTML) 3 Page - Fairchild Semiconductor

  FAN5353 Datasheet HTML 1Page - Fairchild Semiconductor FAN5353 Datasheet HTML 2Page - Fairchild Semiconductor FAN5353 Datasheet HTML 3Page - Fairchild Semiconductor FAN5353 Datasheet HTML 4Page - Fairchild Semiconductor FAN5353 Datasheet HTML 5Page - Fairchild Semiconductor FAN5353 Datasheet HTML 6Page - Fairchild Semiconductor FAN5353 Datasheet HTML 7Page - Fairchild Semiconductor FAN5353 Datasheet HTML 8Page - Fairchild Semiconductor FAN5353 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5353 • Rev. 1.0.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum
ratings are stress ratings only.
Symbol Parameter
Min.
Max.
Units
VIN
SW, PVIN, VCC Pins
IC Not Switching
-0.3
7.0
V
IC Switching
-0.3
6.5
Other Pins
-0.3
VCC + 0.3
(3)
V
VINOV_SLEW Maximum Slew Rate of VIN Above 6.5V when PWM is Switching
15
V/ms
RPGOOD
Pull-Up Resistance from PGOOD to VCC
1
K
Ω
ESD
Electrostatic Discharge
Protection Level
Human Body Model per JESD22-A114
2
KV
Charged Device Model per JESD22-C101
2
KV
TJ
Junction Temperature
–40
+150
°C
TSTG
Storage Temperature
–65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
3.
Lesser of 7V or VCC+0.3V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend
exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC, VIN
Supply Voltage Range
2.7
5.5
V
VOUT
Output Voltage Range
0.8
90% Duty Cycle
V
IOUT
Output Current
0
3
A
L
Inductor
0.47
µH
CIN
Input Capacitor
10
µF
COUT
Output Capacitor
20
µF
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
Thermal Properties
Symbol
Parameter
Min.
Typ.
Max.
Units
θJA
Junction-to-Ambient Thermal Resistance
(4)
46
°C/W
Note:
4.
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-layer
1s2p boards in accordance to JESD51- JEDEC standard. Special attention must be paid not to exceed junction
temperature TJ(max) at a given ambient temperate TA.


同様の部品番号 - FAN5353

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
FAN5353MPX ONSEMI-FAN5353MPX Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
More results

同様の説明 - FAN5353

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com