データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7700GPBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF7700GPBF
部品情報  HEXFET짰 Power MOSFET Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7700GPBF データシート(HTML) 1 Page - International Rectifier

  IRF7700GPBF Datasheet HTML 1Page - International Rectifier IRF7700GPBF Datasheet HTML 2Page - International Rectifier IRF7700GPBF Datasheet HTML 3Page - International Rectifier IRF7700GPBF Datasheet HTML 4Page - International Rectifier IRF7700GPBF Datasheet HTML 5Page - International Rectifier IRF7700GPBF Datasheet HTML 6Page - International Rectifier IRF7700GPBF Datasheet HTML 7Page - International Rectifier IRF7700GPBF Datasheet HTML 8Page - International Rectifier IRF7700GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
HEXFET® power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve ex-
tremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design , that Inter-
national Rectifier is well known for,
provides the de-
signer with an extremely efficient and reliable device
for use in battery and load management.
The TSSOP-8 package, has 45% less footprint area than
the standard SO-8. This makes the TSSOP-8 an ideal
device for applications where printed circuit board space
is at a premium.
The low profile (<1.1mm) of the TSSOP-8 will allow it to fit
easily into extremely thin application environments such
as portable electronics and PCMCIA cards.
IRF7700GPbF
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Very Small SOIC Package
l Low Profile (< 1.1mm)
l Available in Tape & Reel
l Lead-Free
l Halogen-Free
TSSOP-8
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-8.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
-6.8
A
IDM
Pulsed Drain Current

-68
PD @TA = 25°C
Power Dissipation
1.5
PD @TA = 70°C
Power Dissipation
0.96
Linear Derating Factor
0.01
W/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
83
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
05/15/09
VDSS
RDS(on) max
ID
-20V
0.015@VGS = -4.5V
-8.6A
0.024@VGS = -2.5V
-7.3A
#Ã2ÃB
"Ã2ÃT
!Ã2ÃT
Ã2Ã9
!
"
#
B
9
T
$
%
&
'
'Ã2Ã9
&Ã2ÃT
%Ã2ÃT
$Ã2Ã9
PD - 96155A


同様の部品番号 - IRF7700GPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7700 IRF-IRF7700 Datasheet
155Kb / 9P
   Power MOSFET(Vdss=-20V)
More results

同様の説明 - IRF7700GPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7755GPBF IRF-IRF7755GPBF Datasheet
240Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7754GPBF IRF-IRF7754GPBF Datasheet
241Kb / 9P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7701GPBF IRF-IRF7701GPBF Datasheet
241Kb / 9P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7705GPBF IRF-IRF7705GPBF Datasheet
240Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7751GPBF IRF-IRF7751GPBF Datasheet
241Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance
IRF7750GPBF IRF-IRF7750GPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance Dual P-Channel MOSFET
IRF7757GPBF IRF-IRF7757GPBF Datasheet
244Kb / 9P
   HEXFETPower MOSFET Ultra Low On-Resistance
IRF7704GPBF IRF-IRF7704GPBF Datasheet
250Kb / 9P
   HEXFETPower MOSFET Ultra Low On-Resistance
IRF7703GPBF IRF-IRF7703GPBF Datasheet
243Kb / 9P
   HEXFETPower MOSFET Ultra Low On-Resistance
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com