データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54224IRTZ-T データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL54224IRTZ-T
部品情報  High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54224IRTZ-T データシート(HTML) 5 Page - Intersil Corporation

  ISL54224IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54224IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54224IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54224IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54224IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54224IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54224IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54224IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54224IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN6969.0
June 7, 2010
Power OFF Leakage
Current, ID+, ID-
VDD = 0V, VD+ = 5.25V, VD-= 5.25V,
SEL = OE/ALM = VDD
25
-
5
13
µA
Power OFF Logic Current,
ISEL, IOE/ALM
VDD = 0V, SEL = OE/ALM = 5.25V
25
-
19
26
µA
Power OFF D+/D-
Current, IHSDX+, IHSDX-
VDD = 0V, SEL = OE/ALM = VDD,
VHSDX+ =VHSDX- = 5.25V
25
-
0.05
1
µA
OVERVOLTAGE PROTECTION DETECTION
Positive Fault-Protection
Trip Threshold, VPFP
VDD = 2.7V to 5.25V, SEL = 0V or VDD,
OE/ALM = VDD, see Table 1 on page 2
25
3.63
3.8
3.95
V
Negative
Fault-Protection Trip
Threshold, VNFP
VDD = 2.7V to 5.25V, SEL = 0V or VDD,
OE/ALM = VDD, see Table 1 on page 2
25
-0.76
-0.5
-0.29
V
OFF Persistence Time
Fault Protection
Response Time
Negative OVP Response: VDD = 2.7V, SEL = 0V
or VDD, OE/ALM = VDD, VDx = 0V to -5V,
RL = 15kΩ
25
-
1
-
µs
Positive OVP Response: VDD = 2.7V, SEL = 0V
or VDD, OE/ALM = VDD, VDx = 0V to 5.25V,
RL = 15kΩ
25
-
2
-
µs
ON Persistence Time
Fault Protection
Recovery Time
VDD = 2.7V, SEL = 0V or VDD, OE/ALM = VDD,
VDx = 0V to 5.25V or 0V to -5V, RL = 15kΩ
25
-
40
-
µs
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 3.3V, Vinput = 3V, RL = 50Ω, CL = 50pF
(see Figure 1)
25
-
110
-
ns
Turn-OFF Time, tOFF
VDD = 3.3V, Vinput = 3V, RL = 50Ω, CL = 50pF
(see Figure 1)
25
-
70
-
ns
Break-Before-Make Time
Delay, tD
VDD = 3.3V, RL = 50Ω, CL = 50pF (see Figure 2)
25
-40
-
ns
Turn-ON Enable Time,
tENABLE
VDD = 3.3V, VINPUT = 3V, RL = 15kΩ,
CL = 50pF, Time out of All-Off state
25
-
90
-
ns
Turn-OFF Disable Time,
tDISABLE
VDD = 3.3V, VINPUT = 3V, RL = 15kΩ,
CL = 50pF, Time into All-Off state, Time is
highly dependent on the load (RL, CL) time
constant.
25
-
120
-
ns
Skew, (tSKEWOUT -
tSKEWIN)
VDD = 3.3V, SEL = 0V or 3.3V, OE/ALM = VDD,
RL = 45Ω, CL = 10pF, tR = tF = 500ps at
480Mbps, (Duty Cycle = 50%) (see Figure 6)
25
-
50
-
ps
Rise/Fall Degradation
(Propagation Delay), tPD
VDD = 3.3V, SEL = 0V or 3.3V, OE/ALM = VDD,
RL = 45Ω, CL = 10pF (see Figure 6)
25
-
250
-
ps
Crosstalk
VDD = 3.3V, RL = 50Ω, f = 240MHz
(see Figure 5)
25
-
-32
-
dB
OFF-Isolation
VDD = 3.3V, RL = 50Ω, f = 240MHz
25
-
-30
-
dB
-3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω
25
-
780
-
MHz
OFF Capacitance,
CHSxOFF
f = 1MHz, VDD = 3.3V, SEL = 0V or 3.3V,
OE/ALM = 0V (see Figure 4)
25
-
2.5
-
pF
COM ON Capacitance,
CDX(ON)
f = 1MHz, VDD = 3.3V, SEL = 0V or 3.3V,
OE/ALM = VDD (see Figure 4)
25
-
5.4
-
pF
Electrical Specifications - 2.7V to 5.25V Supply Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V, VSELL = 0.5V,
VOE/ALMH =1.4V, VOE/ALML = 0.5V, (Note 10), Unless Otherwise
Specified. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12)
TYP
MAX
(Notes 11, 12) UNITS
ISL54224


同様の部品番号 - ISL54224IRTZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54224IRTZ-T RENESAS-ISL54224IRTZ-T Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
More results

同様の説明 - ISL54224IRTZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com