データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21060 データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL21060
部品情報  Precision, Low Noise FGA Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21060 データシート(HTML) 4 Page - Intersil Corporation

  ISL21060 Datasheet HTML 1Page - Intersil Corporation ISL21060 Datasheet HTML 2Page - Intersil Corporation ISL21060 Datasheet HTML 3Page - Intersil Corporation ISL21060 Datasheet HTML 4Page - Intersil Corporation ISL21060 Datasheet HTML 5Page - Intersil Corporation ISL21060 Datasheet HTML 6Page - Intersil Corporation ISL21060 Datasheet HTML 7Page - Intersil Corporation ISL21060 Datasheet HTML 8Page - Intersil Corporation ISL21060 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN6706.3
December 16, 2008
Electrical Specifications
(ISL21060-25, VOUT = 2.500V) VIN = 3.0V, TA = -40°C to +125°C, IOUT = 0, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
2.500
V
VOA
VOUT Accuracy @ TA = +25°C
ISL21060B25
-1.0
+1.0
mV
ISL21060C25
-2.5
+2.5
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 3)
ISL21060B
10
ppm/°C
ISL21060C
25
ppm/°C
VIN
Input Voltage Range
2.7
5.5
V
IIN
Supply Current
VEN = VIN
16
40
µA
ΔV
OUT /ΔVIN
Line Regulation
2.7V < VIN < 5.5V
50
150
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 10mA
3
150
µV/mA
Sinking: -5mA
≤ I
OUT ≤ 0mA
130
400
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
tR
Turn-on Settling Time
VOUT = ±0.1%
300
µs
Ripple Rejection
f = 10kHz
75
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
10
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz
2.5
µVRMS
Noise Density
f = 1kHz
60
nV/
√Hz
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 4)
ΔT
A = +165°C
100
ppm
ΔV
OUT/Δt
Long Term Stability (Note 5)
TA = +25°C
100
ppm
OUTPUT DISABLE
VENH
Enable Logic High (ON)
1.6
V
VENL
Enable Logic Low (OFF)
0.8
V
IINSD
Shutdown Supply Current
VEN
≤ 0.35V
0.4
1.5
µA
Electrical Specifications
(ISL21060-30, VOUT = 3.000V) VIN = 3.5V, TA = -40°C to +125°C, IOUT = 0, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
3.000
V
VOA
VOUT Accuracy @ TA = +25°C
ISL21060B30
-1.0
+1.0
mV
ISL21060C30
-2.5
+2.5
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 3)
ISL21060B
10
ppm/°C
ISL21060C
25
ppm/°C
VIN
Input Voltage Range
3.2
5.5
V
IIN
Supply Current
VEN = VIN
16
40
µA
ΔV
OUT /ΔVIN
Line Regulation
3.2V < VIN < 5.5V
50
150
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 10mA
3
50
µV/mA
Sinking: -5mA
≤ I
OUT ≤ 0mA
130
400
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
tR
Turn-on Settling Time
VOUT = ±0.1%
300
µs
Ripple Rejection
f = 10kHz
75
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
10
µVP-P
ISL21060


同様の部品番号 - ISL21060

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision Reference with Disable
logo
Renesas Technology Corp
ISL21060 RENESAS-ISL21060 Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
logo
Intersil Corporation
ISL21060B(EN) INTERSIL-ISL21060B(EN) Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL21060BFH620Z-TK INTERSIL-ISL21060BFH620Z-TK Datasheet
2Mb / 20P
   Precision Reference with Disable
logo
Renesas Technology Corp
ISL21060BFH620Z-TK RENESAS-ISL21060BFH620Z-TK Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results

同様の説明 - ISL21060

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com