データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54217EVAL1Z データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL54217EVAL1Z
部品情報  USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54217EVAL1Z データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL54217EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 14Page - Intersil Corporation ISL54217EVAL1Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
FN6817.4
June 17, 2010
Block Diagram
Detailed Description
The ISL54217 device consists of dual SP3T (single
pole/triple throw) analog switches. It operates from a
single DC power supply in the range of 2.7V to 4.6V. It
was designed to function as differential 3-to-1
multiplexer to select between two different USB
differential data signals and audio L and R stereo signals.
It comes in a tiny µTQFN and TQFN packages for use in
MP3 players, PDAs, cell phones, and other personal
media players.
A device consists of two 2.3Ω audio switches and four
6.2Ω USB switches. The audio switches can accept
signals that swing below ground. They were designed to
pass audio left and right stereo signals, that are ground
referenced, with minimal distortion. The USB switches
were designed to pass high-speed USB differential data
signals with minimal edge and phase distortion.
The ISL54217 was specifically designed for MP3 players,
personal media players and cellphone applications that
need to combine the stereo audio and USB data channels
into a single shared connector, thereby saving space and
component cost. The “Block Diagram” of this
functionality is shown on page 11.
The ISL54217 contains two logic control pins (C1 and C0)
that determine the state of the device. The part has the
following five states or modes of operation: All
SWITCHES OFF; USB1; USB2; Audio; and Audio Mute.
These states are discussed in detail in “Logic Control” on
page 12.
A detailed description of the various types of switches are
provided in “Audio Switches” beginning on page 11.
Audio Switches
The two audio switches (L, R) are 2.3Ω switches that can
pass signals that swing below ground.
Over a signal range of ±1V (0.707VRMS) with
VDD > 2.7V, these switches have an extremely low rON
resistance variation. They can pass ground referenced
audio signals with very low distortion (<0.05% THD+N)
when delivering 15.6mW into a 32Ω headphone speaker
load. See Figures 20, 21, 22, 23 and 24 THD+N
performance curves.
Crosstalk between the L and R audio switches over the
frequency range of 20Hz to 20kHz when driving a 32Ω
load is <-88dB. These switches have excellent
off-isolation >105dB over the audio band when
connected to 32Ω loads and 77dB when connected to
20kΩ loads (In Audio Mute mode). See Figures 25 and
26 in “Typical Performance Curves” section beginning on
page 14.
The audio drivers should be connected at the L and R
side of the switch (pins 2 and 3) and the speaker loads
should be connected at the COM side of the switch (pins
7 and 8).
The switches have click and pop circuitry on the L and R
side that is activated when the part comes out of Audio
mode by taking the C1 and C0 logic pins low (All OFF
mode). The ISL54217 should be put in this mode before
powering down or powering up of the audio CODEC
drivers. In this mode the audio, USB1, USB2 switches will
be OPEN (OFF) and the audio click and pop circuitry will
be ON. The high off-isolation of the audio switches along
with the click and pop circuitry will isolate the transients
generated during power-up and power down of the audio
CODECs from getting through to the headphones thus
CLICK/
ISL54217
USB
TRANSCEIVER
HIGH-SPEED
AUDIO
COM -
COM +
C1
GND
1D+
1D-
R
L
VDD
C0
LOGIC CONTROL
µCONTROLLER
CODEC
VBUS
3.3V
2D-
USB
4M
Ω
50k
Ω
HIGH-SPEED
TRANSCEIVER
2D+
50k
Ω
1k
Ω
POP
#2
#1
OR
UART
TRANSCEIVER
ISL54217


同様の部品番号 - ISL54217EVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54217EVAL1Z INTERSIL-ISL54217EVAL1Z Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54217EVAL1Z INTERSIL-ISL54217EVAL1Z Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
logo
Renesas Technology Corp
ISL54217EVAL1Z RENESAS-ISL54217EVAL1Z Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
More results

同様の説明 - ISL54217EVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com