データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28133FEZ-T7 データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL28133FEZ-T7
部品情報  Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28133FEZ-T7 データシート(HTML) 3 Page - Intersil Corporation

  ISL28133FEZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28133FEZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN6560.1
May 29, 2009
iN
Input Noise Current Density
f = 1kHz
72
fA/
(Hz)
f = 10Hz
79
fA/
(Hz)
Cin
Differential Input Capacitance
f = 1MHz
1.6
pF
Common Mode Input Capacitance
1.12
pF
TRANSIENT RESPONSE
SR
Positive Slew Rate
VOUT = 1V to 4V, RL = 10kΩ
0.2
V/µs
Negative Slew Rate
0.1
V/µs
tr, tf, Small Signal
Rise Time, tr 10% to 90%
AV = +1, VOUT = 0.1VP-P, RF = 0Ω,
RL = 10kΩ, CL = 1.2pF
1.1
µs
Fall Time, tf 10% to 90%
1.1
µs
tr, tf Large Signal
Rise Time, tr 10% to 90%
AV = +1, VOUT = 2VP-P, RF = 0Ω,
RL = 10kΩ, CL = 1.2pF
8µs
Fall Time, tf 10% to 90%
10
µs
ts
Settling Time to 0.1%, 2VP-P Step
AV = +1, RF = 0Ω, RL = 10kΩ,
CL = 1.2pF
35
µs
NOTES:
4. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
5. Parts are 100% tested with a minimum operating voltage of 1.65V to a VOS limit of ±15µV.
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, RL = 10kΩ, unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNIT
Typical Performance Curves
V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open.
FIGURE 1. FREQUENCY RESPONSE vs OPEN LOOP GAIN,
RL = 10k
FIGURE 2. FREQUENCY RESPONSE vs OPEN LOOP GAIN,
RL = 10M
-100
-50
0
50
100
150
200
1
100
10k 100k 1M
10M
FREQUENCY (Hz)
RL = 10k
SIMULATION
CL = 100pF
GAIN
PHASE
1k
10
100m
10m
1m
0.1m
-100
-50
0
50
100
150
200
FREQUENCY (Hz)
RL = 10M
SIMULATION
CL = 100pF
GAIN
PHASE
1
100
10k 100k 1M
10M
1k
10
100m
10m
1m
0.1m
ISL28133, ISL28233, ISL28433


同様の部品番号 - ISL28133FEZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28133FEZ-T7 INTERSIL-ISL28133FEZ-T7 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28133FEZ-T7 INTERSIL-ISL28133FEZ-T7 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133FEZ-T7 RENESAS-ISL28133FEZ-T7 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133FEZ-T7A INTERSIL-ISL28133FEZ-T7A Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
More results

同様の説明 - ISL28133FEZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133_11 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com