データシートサーチシステム |
|
ISL54211IRTZ-T データシート(PDF) 4 Page - Intersil Corporation |
|
ISL54211IRTZ-T データシート(HTML) 4 Page - Intersil Corporation |
4 / 19 page 4 FN6662.1 August 25, 2008 ON-Resistance, rON VDD = 3.3V, IN = 1.4V, CTRL = 0V or VDD, ICOMx = 40mA, VD+ or VD- = 0V to 400mV (see Figure 3) +25 - 5.4 6 Ω Full - - 7.5 Ω rON Matching Between Channels, ΔrON VDD = 3.3V, IN = 1.4V, CTRL = 0V or VDD, ICOMx = 40mA, VD+ or VD- = Voltage at max rON, (Note 13) +25 - 0.02 0.25 Ω Full - - 0.25 Ω rON Flatness, RFLAT(ON) VDD = 3.3V, IN = 1.4V, CTRL = 0V or VDD, ICOMx = 40mA, VD+ or VD- = 0V to 400mV, (Note 9) +25 - 0.45 0.55 Ω Full - - 0.6 Ω OFF Leakage Current, ID+(OFF) or ID-(OFF) VDD = 3.6V, IN = 0V, CTRL = 3.6V, VCOM- or VCOM+ = 0.5V, 0V, VD+ or VD- = 0V, 0.5V, VL and VR =float +25 -10 4 10 nA Full -50 - 50 nA ON Leakage Current, IDX VDD = 3.6V, IN = VDD, CTRL = 0V or VDD, VD+ or VD- =2.7V, VCOM- or VCOM+ = Float, VL and VR = float; measuring current through 200k resistor at com side +25 -20 11 20 µA Full -30 - 30 µA DYNAMIC CHARACTERISTICS USB Turn-ON Time, tON VDD = 2.7V, RL = 50Ω, CL = 10pF (see Figure 1) +25 - 43 - ns USB Turn-OFF Time, tOFF VDD = 2.7V, RL = 50Ω, CL = 10pF (see Figure 1) +25 - 14.5 - ns Audio Turn-ON Time, tON VDD = 2.7V, RL = 50Ω, CL = 10pF (see Figure 1) +25 - 7.5 - µs Audio Turn-OFF Time, tOFF VDD = 2.7V, RL = 50Ω, CL = 10pF (see Figure 1) +25 - 130 - ns Skew, tSKEW VDD = 3.0V, IN = 3.0V, CTRL = 0V or 3V, RL = 45Ω, CL =10pF, tR = tF = 750ps at 480Mbps, (Duty Cycle = 50%) (see Figure 6) +25 - 50 - ps Total Jitter, tJ VDD = 3.0V, IN = 3.0V, CTRL = 0V or 3V, RL = 50Ω, CL =10pF, tR = tF = 750ps at 480Mbps +25 - 210 - ps Propagation Delay, tPD VDD = 3.0V, IN = 3.0V, CTRL = 0V or 3V, RL = 45Ω, CL =10pF (see Figure 6) +25 - 250 - ps Audio Crosstalk R to COM-, L to COM+ VDD = 3.0V, IN = float, CTRL = 3.0V, RL = 32Ω, f = 20Hz to 20kHz, VR or VL = 0.707VRMS (2VP-P) (see Figure 5) +25 - -100 - dB Crosstalk (Audio-to-USB, USB-to-Audio) VDD = 3.0V, RL = 50Ω, f = 100kHz (see Figure 5) +25 - -100 - dB OFF-Isolation VDD = 3.0V, RL = 50Ω, f = 100kHz +25 - 95 - dB VDD = 3.0V, RL = 15Ω, f = 20Hz to 20kHz +25 - 111 - dB VDD = 3.0V, RL = 32Ω, f = 20Hz to 20kHz +25 - 105 - dB VDD = 3.0V, RL = 1kΩ, f = 20Hz to 20kHz +25 - 75 - dB VDD = 3.0V, RL = 10kΩ, f = 20Hz to 20kHz +25 - 57 - dB VDD = 3.0V, RL = 100kΩ, f = 20Hz to 20kHz +25 - 45 - dB Total Harmonic Distortion f = 20Hz to 20kHz, VDD = 3.0V, IN = Float, CTRL = 3.0V, VL or VR = 180mVRMS (509mVP-P), RL = 32Ω +25 - 0.014 - % f = 20Hz to 20kHz, VDD = 3.0V, IN = Float, CTRL = 3.0V, VL or VR = 0.707VRMS (2VP-P), RL = 32Ω +25 - 0.056 - % f = 20Hz to 20kHz, VDD = 3.0V, IN = Float, CTRL = 3.0V, VL or VR = 180mVRMS (509mVP-P), RL = 15Ω +25 - 0.043 - % f = 20Hz to 20kHz, VDD = 3.0V, IN = Float, CTRL = 3.0V, VL or VR = 0.707VRMS (2VP-P), RL = 15Ω +25 - 0.19 - % Click and Pop VDD = 3.3V, CTRL = 0V, IN = float, RL = 1kΩ, VL or VR = 0 to 1.25V DC step or 1.25V to 0V DC step (see Figure 7) +25 - 60 - µVp VDD = 3.3V, CTRL = 0.5Hz Square Wave, IN = float, RL =30.1Ω or 1kΩ, VL or VR = AC-coupled to ground (see Figure 8) +25 - 500 - µVp Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VINH = 1.4V, VINL = 0.5V, VCTRLH =1.4V, VCTRLL = 0.5V, (Note 8), Unless Otherwise Specified. (Continued) PARAMETER TEST CONDITIONS TEMP (°C) MIN (Notes 9, 10) TYP (Note 12) MAX (Notes 9, 10) UNITS ISL54211 |
同様の部品番号 - ISL54211IRTZ-T |
|
同様の説明 - ISL54211IRTZ-T |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |