データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54220IUZ-T データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL54220IUZ-T
部品情報  High-Speed USB 2.0 480Mbps Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54220IUZ-T データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL54220IUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54220IUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54220IUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54220IUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54220IUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54220IUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54220IUZ-T Datasheet HTML 13Page - Intersil Corporation ISL54220IUZ-T Datasheet HTML 14Page - Intersil Corporation ISL54220IUZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN6819.1
February 4, 2010
In addition when VDD is at 0V (ground), all switches are
OFF and the shorted VBUS voltage is isolated from the
other side of the switch.
When VDD is in the range of 2.7V to 5.5V, the shorted
VBUS voltage will pass through to the output of an active
(turned ON) switch channel but not through a turned OFF
channel. Any components connected on the active
channel must be able to withstand the overvoltage
condition.
Note: During the fault condition normal operation of the
USB channel is not guaranteed until the fault condition is
removed.
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified
FIGURE 7. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 8. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 9. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE
4
5
6
7
8
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
VCOM (V)
ICOM = 40mA
VDD = 3.0V
VDD = 3.3V
VDD = 2.7V
VDD = 3.6V
VDD = 5.5V
0
50
100
150
200
0
0.5
1.0
1.5
2.0
2.5
3.0 3.3
VDD = 3.3V
VDD = 2.7V
VCOM (V)
ICOM = 1mA
3
4
5
6
7
8
9
0
0.1
0.2
0.3
0.4
VCOM (V)
ICOM = 40mA
+25°C
+85°C
-40°C
V+ = 2.7V
2
3
4
5
6
7
8
0
0.1
0.2
0.3
0.4
VCOM (V)
+25°C
+85°C
-40°C
V+ = 3.3V
ICOM = 40mA
ISL54220


同様の部品番号 - ISL54220IUZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54220IUZ-T INTERSIL-ISL54220IUZ-T Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54220IUZ-T RENESAS-ISL54220IUZ-T Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

同様の説明 - ISL54220IUZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com