データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28136FHZ-T7A データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL28136FHZ-T7A
部品情報  5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28136FHZ-T7A データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL28136FHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28136FHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28136FHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28136FHZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL28136FHZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL28136FHZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL28136FHZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL28136FHZ-T7A Datasheet HTML 13Page - Intersil Corporation ISL28136FHZ-T7A Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6153.3
February 11, 2008
FIGURE 36. VOUT HIGH vs TEMPERATURE, V+, V- = ±2.5V,
RL =1k
FIGURE 37. VOUT LOW vs TEMPERATURE, V+, V- = ±2.5V,
RL =1k
Pin Descriptions
ISL28136
(6 Ld SOT-23)
ISL28136
(8 Ld SOIC)
ISL28236
(8 Ld SOIC)
(8 Ld MSOP)
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
1, 5
NC
Not connected
42
2 (A)
6 (B)
IN-
IN-_A
IN-_B
inverting input
Circuit 1
33
3 (A)
5 (B)
IN+
IN+_A
IN+_B
Non-inverting input
See Circuit 1
2
4
4
V-
Negative supply
Circuit 2
16
1 (A)
7 (B)
OUT
OUT_A
OUT_B
Output
Circuit 3
6
7
8
V+
Positive supply
See Circuit 2
58
EN
Chip enable
Circuit 3
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open (Continued)
4.930
4.935
4.940
4.945
4.950
4.955
4.960
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MEDIAN
MAX
N = 1150
45
50
55
60
65
70
75
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1150
IN+
IN-
V+
V-
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
V+
V-
OUT
LOGIC
PIN
V+
V-
ISL28136, ISL28236


同様の部品番号 - ISL28136FHZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28136FHZ-T7A INTERSIL-ISL28136FHZ-T7A Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136FHZ-T7A RENESAS-ISL28136FHZ-T7A Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
More results

同様の説明 - ISL28136FHZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com