データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59922 データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL59922
部品情報  Triple Analog Video Delay Lines
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59922 データシート(HTML) 4 Page - Intersil Corporation

  ISL59922 Datasheet HTML 1Page - Intersil Corporation ISL59922 Datasheet HTML 2Page - Intersil Corporation ISL59922 Datasheet HTML 3Page - Intersil Corporation ISL59922 Datasheet HTML 4Page - Intersil Corporation ISL59922 Datasheet HTML 5Page - Intersil Corporation ISL59922 Datasheet HTML 6Page - Intersil Corporation ISL59922 Datasheet HTML 7Page - Intersil Corporation ISL59922 Datasheet HTML 8Page - Intersil Corporation ISL59922 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN6826.2
August 31, 2010
POWER SUPPLY CHARACTERISTICS
V+
VSP, VSPO Positive Supply Range
+4.5
+5.5
V
V-
VSM, VSMO Negative Supply Range
-4.5
-5.5
V
ISP
Positive Supply Current (Note 3)
ISL59920
98
115
127
mA
ISL59921, ISL59922
98
125
146
mA
ISL59923
74
90
106
mA
ISPO
Positive Output Supply Current (Note 3)
ISL59920
11.3
13
15.3
mA
ISL59921, ISL59922
11.3
13
16.3
mA
ISL59923
9.9
13
16
mA
ISM
Negative Supply Current (Note 3)
-35.45
-31
-26
mA
ISMO
Negative Output Supply Current (Note 3)
ISL59920, ISL59921, ISL59922
-15.5
-13
-11
mA
ISL59923
-17.5
-13
-9.5
mA
ΔISP
Supply Current (Note 3)
Increase in ISP per unit step in delay per
channel
0.9
mA
ISTANDBY
Positive Supply Standby Current (Note 3)
Chip enable = 0V
2.6
mA
SERIAL INTERFACE CHARACTERISTICS
tMAX
Max SCLOCK Frequency
Maximum programming clock speed
10
MHz
tSEN_SETUP
SENABLE to SCLOCK falling edge setup time.
See Figure 33.
SENABLE falling edge should occur at least
tSEN_SETUP ns after previous (ignored) clock
and tSEN_SETUP before next (desired) clock.
Clock edges occurring within t_en_ck of the
SENABLE falling edge will have
indeterminate effect.
10
ns
tSEN_CYCLE
Minimum Separation Between SENABLE rising
edge and next SENABLE falling edge. See Figure 33.
If SENABLE is taken low less than 3µs after it
was taken high, there is a small possibility that
an offset correction will not be initiated.
3µs
NOTES:
2. The limits for the “Nominal Delay Increment” are derived by taking the limits for the “Maximum Delay” and dividing by the number of steps for the
device. For the ISL59920, ISL59921, and ISL59922 the number of steps is 31; for the ISL59923 the number of steps is 15.
3. All supply currents measured with Delay R = 0ns, G = mid delay, B = full delay.
4. Offset measurements are referred to 75
Ω load as shown in Figure 1.
Electrical Specifications
VSP = VSPO = +5V, VSM = VSMP = -5V, GAIN = 2, TA = +25°C, exposed die plate = -5V, x2 = 5V,
RLOAD = 150Ω on all video outputs, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP MAX
UNIT
FIGURE 1. VOS MEASUREMENT CONDITIONS
x2 -
75
Ω
VOS
VIN
VOUT
75
Ω
ISL59920, ISL59921, ISL59922, ISL59923


同様の部品番号 - ISL59922

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL59922 RENESAS-ISL59922 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
ISL59922 INTERSIL-ISL59922 Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
ISL59922IRZ INTERSIL-ISL59922IRZ Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
ISL59922IRZ INTERSIL-ISL59922IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59922IRZ RENESAS-ISL59922IRZ Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
More results

同様の説明 - ISL59922

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Faraday Technology
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com