データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL3179E データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL3179E
部品情報  High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179E データシート(HTML) 5 Page - Intersil Corporation

  ISL3179E Datasheet HTML 1Page - Intersil Corporation ISL3179E Datasheet HTML 2Page - Intersil Corporation ISL3179E Datasheet HTML 3Page - Intersil Corporation ISL3179E Datasheet HTML 4Page - Intersil Corporation ISL3179E Datasheet HTML 5Page - Intersil Corporation ISL3179E Datasheet HTML 6Page - Intersil Corporation ISL3179E Datasheet HTML 7Page - Intersil Corporation ISL3179E Datasheet HTML 8Page - Intersil Corporation ISL3179E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN6365.2
April 22, 2008
Receiver Output Low Current
IOL
VOL = 1V, VID = -200mV
Full
25
-
-
mA
Three-State (high impedance)
Receiver Output Current
IOZR
0.4V
≤ VO ≤ 2.4V
Full
-1
0.015
1
µA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V
Full
54
80
-
k
Ω
Receiver Short-Circuit Current
IOSR
0V
≤ VO ≤ VCC
Full
±20
-
±110
mA
SUPPLY CURRENT
No-Load Supply Current (Note 4)
ICC
DI = DE = 0V or VCC
Full
-
2.6
4
mA
Shutdown Supply Current
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
0.05
1
µA
ESD PERFORMANCE
RS-485 Pins (A/Y, B/Z)
ISL3179E Only
IEC61000-4-2, Air-Gap Discharge Method
25
-
±16.5
-
kV
IEC61000-4-2, Contact Discharge Method
25
-
±9
-
kV
Human Body Model, From Bus Pins to GND
25
-
±16.5
-
kV
RS-485 Pins (A, B, Y, Z)
ISL3180E Only
IEC61000-4-2, Air-Gap Discharge Method
25
-
±4
-
kV
IEC61000-4-2, Contact Discharge Method
25
-
±5
-
kV
Human Body Model, From Bus Pins to GND
25
-
±12
-
kV
All Pins
HBM, per MIL-STD-883 Method 3015
25
-
>±9
-
kV
Machine Model
25
-
>±400
-
V
DRIVER SWITCHING CHARACTERISTICS
Maximum Data Rate
fMAX
VOD ≥ ±1.5V, RD = 54Ω, CL = 100pF (Figure 4) -40 to 85
40
60
-
Mbps
125
16
32
-
Mbps
Driver Differential Output Delay
tDD
RD = 54Ω, CD = 50pF (Figure 2)
Full
-
11
16
ns
Prop Delay Part-to-Part Skew
tSKP-P
RD = 54Ω, CD = 50pF (Figure 2), (Note 11)
Full
-
-
4
ns
Driver Differential Output Skew
tSKEW
RD = 54Ω, CD = 50pF (Figure 2)
Full
-
0
1.5
ns
Driver Differential Rise or Fall Time
tR, tF
RD = 54Ω, CD = 50pF (Figure 2)
Full
-
4
7
ns
Driver Enable to Output High
tZH
RL = 110Ω, CL = 50pF, SW = GND (Figure 3),
(Note 6)
Full
-
18
25
ns
Driver Enable to Output Low
tZL
RL = 110Ω, CL = 50pF, SW = VCC (Figure 3),
(Note 6)
Full
-
16
25
ns
Driver Disable from Output High
tHZ
RL = 110Ω, CL = 50pF, SW = GND (Figure 3),
Full
-
15
25
ns
Driver Disable from Output Low
tLZ
RL = 110Ω, CL = 50pF, SW = VCC (Figure 3),
Full
-
18
25
ns
Time to Shutdown
tSHDN
(Note 8)
Full
60
-
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 110Ω, CL = 50pF, SW = GND (Figure 3),
(Notes 8, 9)
Full
-
-
1000
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 110Ω, CL = 50pF, SW = VCC (Figure 3),
(Notes 8, 9)
Full
-
-
1000
ns
RECEIVER SWITCHING CHARACTERISTICS
Maximum Data Rate
fMAX
VID = ±1.5V
Full
40
60
-
Mbps
Receiver Input to Output Delay
tPLH, tPHL (Figure 5)
Full
-
10
16.5
ns
Prop Delay Part-to-Part Skew
tSKP-P
(Figure 5), (Note 11)
Full
-
-
4
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 5)
Full
-
0
1.5
ns
Receiver Enable to Output High
tZH
RL = 1kΩ, CL = 15pF, SW = GND (Figure 6),
(Note 7)
Full
-
10
15
ns
Electrical Specifications
Test Conditions: VCC = 3.0V to 3.6V; Typicals are at VCC = 3.3V, TA = +25°C. (Note 3) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 13)
TYP
MAX
(Note 13) UNITS
ISL3179E, ISL3180E


同様の部品番号 - ISL3179E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3179EFBZ RENESAS-ISL3179EFBZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

同様の説明 - ISL3179E

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com