データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29009IROZ-T7 データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL29009IROZ-T7
部品情報  Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29009IROZ-T7 データシート(HTML) 4 Page - Intersil Corporation

  ISL29009IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FN6484.0
July 1, 2008
FIGURE 6. OUTPUT CURRENT vs LIGHT INTENSITY
FIGURE 7. OUTPUT CURRENT vs LIGHT INTENSITY
FIGURE 8. OUTPUT CURRENT vs LIGHT INTENSITY
FIGURE 9. OUTPUT CURRENT vs LIGHT INTENSITY
FIGURE 10. TRANSIENT TIME vs LUX CHANGE FROM 0 LUX
FIGURE 11. OUTPUT CURRENT vs TEMPERATURE AT 0 LUX
Typical Performance Curves (Continued)
0.01
0.1
1
10
100
0.1
1
10
100
1000
10000
LIGHT INTENSITY (LUX)
HALOGEN
FLUORESCENT
INCANDESCENT
0
1
2
3
4
5
6
7
0
100
200
300
400
500
600
700
800
900 1000
LIGHT INTENSITY (Lux)
HALOGEN
FLUORESCENT
INCANDESCENT
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
102030
40
506070
80
90
100
LIGHT INTENSITY (LUX)
HALOGEN
FLUORESCENT
INCANDESCENT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
246
8
10
LIGHT INTENSITY (LUX)
1357
9
HALOGEN
FLUORESCENT
INCANDESCENT
0.01
0.1
1
10
100
1000
1
10
100
1000
LUX CHANGE FROM 0 LUX (LUX)
FALL TIME
DELAY TIME BEFORE FALLING
RISE TIME
DELAY TIME BEFORE RISING
-5
0
5
10
15
20
25
30
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
TEMPERATURE (°C)
0.000
0.005
0.025
ISL29009


同様の部品番号 - ISL29009IROZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
logo
Renesas Technology Corp
ISL29009IROZ-T7 RENESAS-ISL29009IROZ-T7 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
More results

同様の説明 - ISL29009IROZ-T7

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com