データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL6112INZA データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL6112INZA
部品情報  Dual Slot PCI-Express Power Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6112INZA データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL6112INZA Datasheet HTML 3Page - Intersil Corporation ISL6112INZA Datasheet HTML 4Page - Intersil Corporation ISL6112INZA Datasheet HTML 5Page - Intersil Corporation ISL6112INZA Datasheet HTML 6Page - Intersil Corporation ISL6112INZA Datasheet HTML 7Page - Intersil Corporation ISL6112INZA Datasheet HTML 8Page - Intersil Corporation ISL6112INZA Datasheet HTML 9Page - Intersil Corporation ISL6112INZA Datasheet HTML 10Page - Intersil Corporation ISL6112INZA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
FN6456.0
September 28, 2007
CFILTER OVERCURRENT DELAY TIME PINS 2 AND 35 FLOATING
CFILTER Threshold Voltage
VFILTER
1.20
1.25
1.30
V
CFILTER Charging Current
Nominal Current Limit Duration =
CCFILTER x 550k
IFILTER
VXVIN – VXSENSE > VTHILIMIT
2
2.5
3
µA
tFILTER
CFILTER Open
10
µs
Current Limit Threshold Voltages
VTHILIMIT
VXIN – VXVSENSE
47.5
50
52.5
mV
Fast-Trip Threshold Voltages
VTHFAST
VXVIN – VXVSENSE
85
100
115
mV
XVSENSE Input Current
ISENSE
0.1
µA
LOW-Level Input Voltage ON,
AUXEN, GPI, FORCE_ON, PRSNT
VIL
0.8
V
Output LOW Voltage FAULT,
PWRGD
VOL
IOL = 3mA
0.4
V
HIGH-Level Input Voltage ON,
AUXEN, GPI, FORCE_ON
VIH
2.1.
5
V
Internal Pull-ups to VSTBY (Note 5)
RPULL-UP
40
50
k
Ω
12VIN, 3VIN Input Leakage Current
ILKG,OFF XVIN
VSTBY = +3.3V, 12VIN = OFF; 3VIN = OFF
0.5
1
µA
Input Leakage Current, ON, AUXEN,
FORCE_ON
IIL
-2
2
µA
Off-State Leakage Current FAULT,
PWRGD, GPI
ILKG(OFF)
GPI ILKG for these two pins measured with
VAUX OFF
-2
2
µA
Over-temperature Shutdown and
Reset Thresholds, with Overcurrent
On Slot
TOV
TJ increasing, each slot (Note 5)
140
°C
TJ decreasing, each slot (Note 5)
130
°C
Over-temperature Shutdown and
Reset Thresholds, All Other
Conditions (All Outputs Will Latch Off)
TJ increasing, each slot (Note 5)
160
°C
TJ decreasing, each slot (Note 5)
150
°C
Output MOSFET Resistance VAUX
MOSFET
rDS(AUX)
IDS = 375mA
350
m
Ω
Off-State Output Offset Voltage VAUX
VOFF(VAUX)
VAUX = Off
25
40
mV
Regulated Current Level
ILIM(AUX)
0.8
11.2
A
Output Discharge Resistance
RDIS(12V)
12VOUT = 6.0V
1400
1850
Ω
RDIS(3V)
3VOUT = 1.65V
140
180
Ω
RDIS(VAUX)
3VAUX = 1.65V
350
400
Ω
12V Current Limit Response Time
(See “Typical Application Diagram”
on page 9).
tOFF(12V)
CGATE = 25pF
VIN – VSENSE = 140mV
1
2.1
µs
3.3V Current Limit Response Time
(See “Typical Application Diagram”
on page 9).
tOFF(3V)
CGATE = 25pF
VIN – VSENSE = 140mV
0.3
1
µs
VAUX Current Limit Response Time
(See “Typical Application Diagram”
on page 9).
tSC
VAUX = 0V, VSTBY = +3.3V
2.5
µs
Delay from MAIN Overcurrent to
FAULT Output
tPROP
(12V FAULT or 3V
FAULT)
CFILTER = 0
VIN – VSENSE = 140mV
1
µs
Delay from VAUX Overcurrent to
FAULT Output
tPROP
(VAUXFAULT)
ILIM(AUX) to FAULT output CFILTER = 0
VAUX Output Grounded
1
µs
ON, AUXEN, PRSNT Minimum Pulse
Width
tW
(Note 5)
100
ns
Power-On Reset Time after VSTBY
Becomes Valid
tPOR
(Note 5)
250
µs
Electrical Specifications
12VIN = 12V, 3VIN = 3.3V, VSTBY = 3.3V, TA = TJ = -40°C to +85°C, Unless Otherwise Noted. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
ISL6112


同様の部品番号 - ISL6112INZA

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL6112IRZA RENESAS-ISL6112IRZA Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
More results

同様の説明 - ISL6112INZA

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Linear Technology
LTC4242 LINER-LTC4242_15 Datasheet
356Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
LTC4242 LINER-LTC4242 Datasheet
350Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com