データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29101IROZ-EVALZ データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL29101IROZ-EVALZ
部品情報  Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29101IROZ-EVALZ データシート(HTML) 5 Page - Intersil Corporation

  ISL29101IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29101IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29101IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29101IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29101IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29101IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29101IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FN6510.0
July 1, 2008
FIGURE 13. SUPPLY CURRENT vs TEMPERATURE
FIGURE 14. NORMALIZED OUTPUT VOLTAGE vs SUPPLY
VOLTAGE
FIGURE 15. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 16. TRANSIENT RESPONSE OF ISL29101 TO
CHANGE IN LIGHT INTENSITY
Typical Performance Curves (Continued)
0
4
6
8
10
12
14
16
18
20
22
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
1100 LUX
300 LUX
VDD = 3V
FLUORESCENT LIGHT
NO LOAD
REXT = 100kΩ
0.97
0.98
0.99
1.00
1.01
1.02
1.5
2.0
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE (V)
REXT = 100kΩ
VDD = 3
FLUORESCENT LIGHT INTENSITY = 1100 LUX
20.0
20.5
21.0
21.5
22.0
22.5
23.0
1.5
2.0
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE (V)
NO LOAD
VDD = 3
FLUORESCENT LIGHT INTENSITY = 1100 LUX
LIGHT INTENSITY
VDD = 3V, REXT = 100kΩ
LIGHT INTENSITY RISES FROM 0 LUX TO 300 LUX
AND FALLS FROM 300 LUX TO 0 LUX WITH
WHITE LED
VOUT
0V
ISL29101


同様の部品番号 - ISL29101IROZ-EVALZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29101IROZ-EVALZ INTERSIL-ISL29101IROZ-EVALZ Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101IROZ-EVALZ RENESAS-ISL29101IROZ-EVALZ Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
More results

同様の説明 - ISL29101IROZ-EVALZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com