データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22426 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL22426
部品情報  Low Noise, Low Power, SPI Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22426 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL22426 Datasheet HTML 6Page - Intersil Corporation ISL22426 Datasheet HTML 7Page - Intersil Corporation ISL22426 Datasheet HTML 8Page - Intersil Corporation ISL22426 Datasheet HTML 9Page - Intersil Corporation ISL22426 Datasheet HTML 10Page - Intersil Corporation ISL22426 Datasheet HTML 11Page - Intersil Corporation ISL22426 Datasheet HTML 12Page - Intersil Corporation ISL22426 Datasheet HTML 13Page - Intersil Corporation ISL22426 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6180.2
September 8, 2009
Pin Description
Potentiometer Pins
RHI AND RLI (i = 0, 1)
The high (RHi) and low (RLi) terminals of the ISL22426 are
equivalent to the fixed terminals of a mechanical
potentiometer. RHi and RLi are referenced to the relative
position of the wiper and not the voltage potential on the
terminals. With WRi set to 127 decimal, the wiper will be
closest to RHi, and with the WRi set to 0, the wiper is closest
to RLi.
RWI (i = 0, 1)
RWi is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the WRi register.
SHDN
The SHDN pin forces the resistor to end-to-end open circuit
condition on RHi and shorts RWi to RLi. When SHDN is
returned to logic high, the previous latch settings put RWi at
the same resistance setting prior to shutdown. This pin is
logically ANDed with SHDN bit in ACR register. SPI interface
is still available in shutdown mode and all registers are
accessible. This pin must remain HIGH for normal operation.
Bus Interface Pins
SERIAL CLOCK (SCK)
This is the serial clock input of the SPI serial interface.
SERIAL DATA OUTPUT (SDO)
The SDO is an open drain serial data output pin. During a
read cycle, the data bits are shifted out at the falling edge of
the serial clock SCK, while the CS input is low.
SDO requires an external pull-up resistor for proper
operation.
SERIAL DATA INPUT (SDI)
The SDI is the serial data input pin for the SPI interface. It
receives device address, operation code, wiper address and
data from the SPI external host device. The data bits are
shifted in at the rising edge of the serial clock SCK, while the
CS input is low.
CHIP SELECT (CS)
CS LOW enables the ISL22426, placing it in the active
power mode. A HIGH to LOW transition on CS is required
prior to the start of any operation after power up. When CS is
HIGH, the ISL22426 is deselected and the SDO pin is at
high impedance, and (unless an internal write cycle is
underway) the device will be in the standby state.
Principles of Operation
The ISL22426 is an integrated circuit incorporating two
DCPs with its associated registers, non-volatile memory and
the SPI serial interface providing direct communication
between host and potentiometers and memory. The resistor
array is comprised of individual resistors connected in
series. At either end of the array and between each resistor
is an electronic switch that transfers the potential at that
point to the wiper.
FIGURE 13. MIDSCALE GLITCH, CODE 3Fh TO 40h
FIGURE 14. LARGE SIGNAL SETTLING TIME
Typical Performance Curves (Continued)
SIGNAL AT WIPER
(WIPER UNLOADED)
WIPER MID POINT MOVEMENT
FROM 3Fh TO 40h
SIGNAL AT WIPER
(WIPER UNLOADED MOVEMENT
FROM 7Fh TO 00h)
SCL
RLi
RWi
RHi
FIGURE 15. DCP CONNECTION IN SHUTDOWN MODE
ISL22426


同様の部品番号 - ISL22426

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22426 INTERSIL-ISL22426 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22426 RENESAS-ISL22426 Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426UFR16Z RENESAS-ISL22426UFR16Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426UFV14Z RENESAS-ISL22426UFV14Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426WFR16Z RENESAS-ISL22426WFR16Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
More results

同様の説明 - ISL22426

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com