データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22416WFU10Z データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL22416WFU10Z
部品情報  Single Digitally Controlled Potentiometer XDCP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22416WFU10Z データシート(HTML) 4 Page - Intersil Corporation

  ISL22416WFU10Z Datasheet HTML 1Page - Intersil Corporation ISL22416WFU10Z Datasheet HTML 2Page - Intersil Corporation ISL22416WFU10Z Datasheet HTML 3Page - Intersil Corporation ISL22416WFU10Z Datasheet HTML 4Page - Intersil Corporation ISL22416WFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22416WFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22416WFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22416WFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22416WFU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6227.2
September 9, 2009
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 14)
Integral Non-linearity
DCP register set between 10 hex and 7F
hex; monotonic over all tap positions;
W and U option
-1
1
MI
(Note 11)
RDNL
(Note 13)
Differential Non-linearity
W option
-1
1
MI
(Note 11)
U option
-0.5
0.5
MI
(Note 11)
Roffset
(Note 12)
Offset
W option
0
1
5
MI
(Note 11)
U option
0
0.5
2
MI
(Note 11)
Analog Specifications
Over recommended operating conditions, unless otherwise stated. Parameters with MIN and/or MAX limits are
100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not
production tested. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 4)
MAX
UNIT
Operating Specifications Over the recommended operating conditions, unless otherwise specified. Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 4)
MAX
UNIT
ICC1
VCC Supply Current (Volatile
Write/Read)
fSCK = 5MHz; (for SPI Active, Read and
Volatile Write states only)
0.5
mA
ICC2
VCC Supply Current (Non-volatile
Write/Read)
fSCK = 5MHz; (for SPI Active, Read and
Non-volatile Write states only)
3mA
ISB
VCC Current (Standby)
VCC = +5.5V @ +85°C, SPI interface in
standby state
5µA
VCC = +5.5V @ +125°C, SPI interface in
standby state
7µA
VCC = +3.6V @ +85°C, SPI interface in
standby state
3µA
VCC = +3.6V @ +125°C, SPI interface in
standby state
5µA
ISD
VCC Current (Shutdown)
VCC = +5.5V @ +85°C, SPI interface in
standby state
3µA
VCC = +5.5V @ +125°C, SPI interface in
standby state
5µA
VCC = +3.6V @ +85°C, SPI interface in
standby state
2µA
VCC = +3.6V @ +125°C, SPI interface in
standby state
4µA
ILkgDig
Leakage Current, at Pins SHDN, SCK,
SDI, SDO and CS
Voltage at pin from GND to VCC,
SDO is inactive
-1
1
µA
tWRT
(Note 18)
Wiper Response Time
Wiper Response Time after SPI write to WR
register
1.5
µs
tShdnRec
(Note 18)
DCP Recall Time from Shutdown
Mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCK rising edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
VPOR
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
2.0
2.6
V
VCC Ramp VCC Ramp Rate
0.2
V/ms
ISL22416


同様の部品番号 - ISL22416WFU10Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22416 INTERSIL-ISL22416 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

同様の説明 - ISL22416WFU10Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com