データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22416WFRT10Z データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL22416WFRT10Z
部品情報  Single Digitally Controlled Potentiometer XDCP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22416WFRT10Z データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL22416WFRT10Z Datasheet HTML 6Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 7Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 8Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 9Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 10Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 11Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 12Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 13Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6227.2
September 9, 2009
Shutdown Mode
The device can be put in Shutdown mode either by pulling the
SHDN pin to GND or setting the SHDN bit in the ACR register
to 0. The truth table for Shutdown mode is in Table 3.
SPI Serial Interface
The ISL22416 supports an SPI serial protocol, mode 0. The
device is accessed via the SDI input and SDO output with
data clocked in on the rising edge of SCK, and clocked out
on the falling edge of SCK. CS must be LOW during
communication with the ISL22416. SCK and CS lines are
controlled by the host or master. The ISL22416 operates
only as a slave device.
All communication over the SPI interface is conducted by
sending the MSB of each byte of data first.
Protocol Conventions
The first byte sent to the ISL22416 from the SPI host is the
Identification Byte. A valid Identification Byte contains 0101
as the four MSBs, with the following four bits set to 0.
TABLE 4. IDENTIFICATION BYTE FORMAT
The next byte sent to the ISL22416 contains the instruction
and register pointer information. The four MSBs are the
instruction and two LSBs are register address (see Table 5).
TABLE 5. IDENTIFICATION BYTE FORMAT
There are only two valid instruction sets:
1011(binary) - is a Read operation
1100(binary) - is a Write operation
There are only two registers address possible for this DCP. If
the R1, R0 bits are zero, then the read or write is to either the
IVR or the WR register (depends of VOL bit at ACR). If the R1
bit is 1 and R0 bit is 0, then the operation is on the ACR.
Write Operation
A Write operation to the ISL22416 is a three-byte operation.
It requires first, the CS transition from HIGH to LOW, then a
valid Identification Byte, then a valid instruction byte followed
by Data Byte is sent to SDI pin. The host terminates the write
operation by pulling the CS pin from LOW to HIGH. For a
write to address 0 (WR), the byte at address 2 (ACR<7>)
determines if the Data Byte is to be written to volatile or both
volatile and non-volatile registers. Refer to “Memory
Description” on page 10 and Figure 16.
The internal non-volatile write cycle starts after rising edge of
CS and takes up to 20ms.
Read Operation
A read operation to the ISL22416 is a three byte operation. It
requires first, the CS transition from HIGH to LOW, then a
valid Identification Byte, then a valid instruction byte followed
by “dummy” Data Byte is sent to SDI pin. The SPI host reads
the data from SDO pin on falling edge of SCK. The host
terminates the read operation by pulling the CS pin from
LOW to HIGH (see Figure 17).
In order to read back the non-volatile IVR, it is recommended
that the application reads the ACR first to verify the WIP bit
is 0. If the WIP bit (ACR[5]) is not 0, the host should repeat
its reading sequence again.
Applications Information
Communicating with ISL22416
Communication with ISL22416 proceeds using SPI interface
through the ACR (address 10b), IVR (address 00b) and WR
(address 00b) registers.
The wiper of the potentiometer is controlled by the WR
register. Writes and reads can be made directly to this
register to control and monitor the wiper position without any
non-volatile memory changes. This is done by setting MSB
bit at address 10b to 1.
The non-volatile IVR stores the power up value of the wiper.
IVR is accessible when MSB bit at address 10b is set to 0.
Writing a new value to the IVR register will set a new power
up position for the wiper. Also, writing to this register will load
the same value into the WR as the IVR. Reading from the
IVR will not change the WR, if its contents are different.
TABLE 3. SHUTDOWN MODE
SHDN PIN
SHDN BIT
MODE
High
1
Normal operation
Low
1
Shutdown
High
0
Shutdown
Low
0
Shutdown
01010000
(MSB)
(LSB)
76543210
I3
I2
I1
I0
0
0
R1
R0
ISL22416


同様の部品番号 - ISL22416WFRT10Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22416 INTERSIL-ISL22416 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

同様の説明 - ISL22416WFRT10Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com