データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54054IRUZ-T データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL54054IRUZ-T
部品情報  Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54054IRUZ-T データシート(HTML) 1 Page - Intersil Corporation

  ISL54054IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Ultra Low ON-Resistance, Low Voltage, Single
Supply, Single SPST/1:2 Distribution Analog Switch
ISL54054, ISL54055
The Intersil ISL54054 and ISL54055 devices consist of
low ON-resistance, low voltage, bi-directional SPST
analog switches designed to operate from a single +1.8V
to +5.5V supply. These devices have an unique
architecture. They have two signal pins (pin 1 and pin 3)
that are simultaneously connected or disconnected to a
common pin (pin 4) under the control of a single logic
control pin (pin 6). The ISL54054 switches are OFF when
the logic is low and ON when the logic is high. The
ISL54055 switches are ON when the logic is low and OFF
when the logic is high. This architecture allows these
devices to be used as a single SPST switch or as a
distribution switch to distribute a single source to two
different loads.
SPST operation is achieved by using one of the signal
pins while floating the other signal pin or by externally
connecting the two signal pins together. When both
signal pins are tied together, the rON of the SPST is
reduced by half, from 1Ω to 0.5Ω (when operated with a
5V supply).
Targeted applications include battery powered equipment
that benefit from low rON resistance, excellent rON
flatness, and fast switching speeds (tON = 12ns,
tOFF = 12ns). The digital logic input is 1.8V logic
compatible when using a single 2.7V to +3.6V supply
and TTL compatible when the supply is > +3.6V.
The ISL54054 is offered in a 6 Ld
1.2mmx1.0mmx0.5mm μTDFN and 6 Ld SOT-23
packages. The ISL54055 is offered in a 6 Ld
1.2mmx1.0mmx0.5mm μTDFN, alleviating board space
limitations.
The ISL54054 has two normally open (NO) switches and
the ISL54055 has two normally closed (NC) switches.
Features
• ON-resistance (rON) (Signal Pins Connected)
-VCC = +5.0V. . . . . . . . . . . . . . . . . . . . . 0.34Ω
-VCC = +3.0V. . . . . . . . . . . . . . . . . . . . . 0.51Ω
-VCC = +1.8V. . . . . . . . . . . . . . . . . . . . . 1.1Ω
•rON flatness (+4.5V supply) . . . . . . . . . . . . 0.13Ω
• Single supply operation . . . . . . . . +1.8V to +5.5V
• Fast switching action (+4.5V supply)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . 12ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . 12ns
• ESD HBM rating . . . . . . . . . . . . . . . . . . . . . . >6kV
• 1.8V logic compatible (+3V supply)
• Available in 6 Ld μTDFN and 6Ld SOT-23 Packages
• Pb-free (RoHS compliant)
Applications
• Battery powered, handheld and portable equipment
- Cellular/mobile phones
-Pagers
- Laptops, notebooks, palmtops
• Portable test and measurement
• Medical equipment
• Audio and video switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL54054
ISL54055
Number of Switches
11
SW
NO
NC
1.8V rON
1.1Ω
1.1Ω
1.8V tON/tOFF
115ns/90ns
115ns/90ns
3V rON
0.51Ω
0.51Ω
3V tON/tOFF
22ns/17ns
22ns/17ns
5V rON
0.34Ω
0.34Ω
5V tON/tOFF
12ns/12ns
12ns/12ns
Packages
6 Ld μTDFN,
6Ld SOT-23
6 Ld μTDFN
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
October 19, 2009
FN6461.2


同様の部品番号 - ISL54054IRUZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54054IRUZ-T INTERSIL-ISL54054IRUZ-T Datasheet
431Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
logo
Renesas Technology Corp
ISL54054IRUZ-T RENESAS-ISL54054IRUZ-T Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
More results

同様の説明 - ISL54054IRUZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54054 RENESAS-ISL54054 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
logo
Intersil Corporation
ISL54054_0709 INTERSIL-ISL54054_0709 Datasheet
431Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
ISL54051 INTERSIL-ISL54051 Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com