データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22419WFU8Z データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL22419WFU8Z
部品情報  Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22419WFU8Z データシート(HTML) 4 Page - Intersil Corporation

  ISL22419WFU8Z Datasheet HTML 1Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 2Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 3Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 4Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 5Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 6Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 7Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 8Page - Intersil Corporation ISL22419WFU8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6311.0
June 28, 2006
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 5)
MAX
UNIT
ICC1
VCC Supply Current (volatile
write/read)
10k DCP, fSPI = 5MHz; (for SPI active, read
and write states)
1mA
VCC Supply Current (volatile
write/read)
50k DCP, fSPI = 5MHz; (for SPI active, read
and write states)
0.5
mA
ICC2
VCC Supply Current ( non-volatile
write/read)
10k DCP, fSPI = 5MHz; (for SPI active, read
and write states)
3.2
mA
VCC Supply Current ( non-volatile
write/read)
50k DCP, fSPI = 5MHz; (for SPI active, read
and write states)
2.7
mA
ISB
VCC Current (standby)
VCC = +5.5V, 10k DCP, SPI interface in
standby state
850
µA
VCC = +5.5V, 50k DCP, SPI interface in
standby state
160
µA
VCC = +3.6V, 10k DCP, SPI interface in
standby state
550
µA
VCC = +3.6V, 50k DCP, SPI interface in
standby state
100
µA
ISD
VCC Current (shutdown)
VCC = +5.5V @ +85°C, SPI interface in
standby state
3µA
VCC = +5.5V@ +125°C, SPI interface in
standby state
5µA
VCC = +3.6V @ +85°C, SPI interface in
standby state
2µA
VCC = +3.6V @ +125°C, SPI interface in
standby state
4µA
ILkgDig
Leakage Current, at Pins SHDN, SCK,
SDI, SDO and CS
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 14)
Wiper Response Time
Wiper Response Time after SPI write to WR
register
1.5
µs
tShdnRec
(Note 14)
DCP Recall Time from Shutdown
Mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCK rising edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
2.0
2.6
V
VCC Ramp VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and SPI Interface
in standby state
3ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature
°C
50
Years
tWC
(Note 12)
Non-volatile Write Cycle Time
From rising edge of CS
12
20
ms
SERIAL INTERFACE SPECIFICATIONS
VIL
SHDN, SCK, SDI, and CS Input Buffer
LOW Voltage
-0.3
0.3*VCC
V
VIH
SHDN, SCK, SDI, and CS Input Buffer
HIGH Voltage
0.7*VCC
VCC+0.3
V
T55
ISL22419


同様の部品番号 - ISL22419WFU8Z

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL22419WFU8Z RENESAS-ISL22419WFU8Z Datasheet
828Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
September 8, 2009
More results

同様の説明 - ISL22419WFU8Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
logo
Renesas Technology Corp
ISL22449 RENESAS-ISL22449 Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
ISL22419 RENESAS-ISL22419 Datasheet
828Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
September 8, 2009
ISL22429 RENESAS-ISL22429 Datasheet
832Kb / 13P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI®Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22329 RENESAS-ISL22329 Datasheet
828Kb / 13P
   Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
September 4, 2009
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com