データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22329WFU10Z データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL22329WFU10Z
部品情報  Dual Digitally Controlled Potentiometers XDCP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22329WFU10Z データシート(HTML) 4 Page - Intersil Corporation

  ISL22329WFU10Z Datasheet HTML 1Page - Intersil Corporation ISL22329WFU10Z Datasheet HTML 2Page - Intersil Corporation ISL22329WFU10Z Datasheet HTML 3Page - Intersil Corporation ISL22329WFU10Z Datasheet HTML 4Page - Intersil Corporation ISL22329WFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22329WFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22329WFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22329WFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22329WFU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6330.2
September 4, 2009
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
(Note 3)
MAX
(Note 13)
UNIT
ICC1
VCC Supply Current (volatile
write/read)
10k DCP, fSCL = 400kHz; (for I
2C active,
read and write states)
1.4
mA
VCC Supply Current (volatile
write/read, non-volatile read)
50k DCP, fSCL = 400kHz; (for I
2C active,
read and write states)
450
µA
ICC2
VCC Supply Current ( non-volatile
write/read)
10k DCP, fSCL = 400kHz; (for I
2C active,
read and write states)
3.5
mA
VCC Supply Current (non-volatile
write/read)
50k DCP, fSCL = 400kHz; (for I
2C active,
read and write states)
2.0
mA
ISB
VCC Current (standby)
VCC = +5.5V , 10k DCP, I
2C interface in
standby state
1.22
mA
VCC = +3.6V, 10k DCP, I
2C interface in
standby state
800
µA
VCC = +5.5V, 50k DCP, I
2C interface in
standby state
320
µA
VCC = +3.6V, 50k DCP, I
2C interface in
standby state
250
µA
ISD
VCC Current (shutdown)
VCC = +5.5V @ +85°C, I
2C interface in
standby state
3µA
VCC = +5.5V @ +125°C, I
2C interface in
standby state
5µA
VCC = +3.6V @ +85°C, I
2C interface in
standby state
2µA
VCC = +3.6V @ +125°C, I
2C interface in
standby state
4µA
ILkgDig
Leakage Current, at Pins A0, A1, A2,
SHDN, SDA, and SCL
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 11)
DCP Wiper Response Time
SCL falling edge of last bit of DCP data byte
to wiper new position
1.5
µs
tShdnRec
(Note 11)
DCP Recall Time From Shutdown
Mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall
occurs
2.0
2.6
V
VccRamp
VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and I2C Interface
in standby state
3ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T < +55°C
50
Years
tWC
(Note 12)
Non-volatile Write Cycle Time
12
20
ms
ISL22329


同様の部品番号 - ISL22329WFU10Z

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL22329WFU10Z RENESAS-ISL22329WFU10Z Datasheet
828Kb / 13P
   Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
September 4, 2009
More results

同様の説明 - ISL22329WFU10Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com