データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ520 データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 2SJ520
部品情報  Load Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ520 データシート(HTML) 4 Page - Sanyo Semicon Device

  2SJ520 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ520 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ520 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ520 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be expor ted without obtaining the expor t license from the author ities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of March, 2000. Specifications and information herein are subject to
change without notice.
2SJ520
PS No.6435–4/4
0
0
--1
--2
--3
--4
--5
--6
--7
--8
30
25
15
20
510
--9
--10
VGS -- Qg
VDS=--10V
ID=--5A
IT00952
A S O
100ms
DC
operation
100
µs
1ms
10ms
IDP=--40A
IDP=--10A
2
3
5
7
2
3
5
7
2
3
5
7
--100
--10
--1.0
--0.1
23
5
7
23
5
7
23
5
--0.1
--1.0
--10
IT00953
Operation in this
area is limited by RDS(on).
0
0
20
40
60
0.2
0.4
0.6
80
100
120
0.8
1.0
1.2
140
160
PD -- Ta
IT00954
0
0
20
40
60
5
10
80
100
120
15
20
25
140
160
PD -- Tc
IT00955
Drain-to-Source Voltage, VDS –V
Tc=25
°C
Single pulse
Ambient Temperature, Ta – ˚C
Case Temperature, Tc – ˚C
Total Gate Charge, Qg – nC


同様の部品番号 - 2SJ520

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
2SJ520 VBSEMI-2SJ520 Datasheet
1,016Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - 2SJ520

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
FTD2014 SANYO-FTD2014 Datasheet
41Kb / 4P
   Load Switching Applications
FTD2022 SANYO-FTD2022 Datasheet
41Kb / 4P
   Load Switching Applications
FW133 SANYO-FW133 Datasheet
29Kb / 4P
   Load Switching Applications
FW232 SANYO-FW232 Datasheet
30Kb / 4P
   Load Switching Applications
FSS131 SANYO-FSS131 Datasheet
28Kb / 4P
   Load Switching Applications
FTD1012 SANYO-FTD1012 Datasheet
28Kb / 4P
   Load Switching Applications
FW231 SANYO-FW231 Datasheet
165Kb / 4P
   Load Switching Applications
FW236 SANYO-FW236 Datasheet
42Kb / 4P
   Load Switching Applications
FW138 SANYO-FW138 Datasheet
30Kb / 4P
   Load Switching Applications
logo
Toshiba Semiconductor
SSM3J56MFV TOSHIBA-SSM3J56MFV Datasheet
196Kb / 6P
   Load Switching Applications
SSM3K48FU TOSHIBA-SSM3K48FU Datasheet
204Kb / 5P
   Load Switching Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com