データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ522 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 2SJ522
部品情報  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ522 データシート(HTML) 3 Page - Sanyo Semicon Device

  2SJ522 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ522 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ522 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ522 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ522
No.7127-3/4
--50
--25
0
25
50
75
100
125
150
1.0
1.5
2.0
2.5
3.0
3.5
--2
--4
--6
--8
--12
--14
--10
RDS(on) -- VGS
IT03699
IT03697
ID -- VDS
0
--6
--8
--14
--20
--4
--12
--18
--2
--10
--16
0
--1
--2
--3
--4
--8
--5
--6
--7
IT03698
0
--2.5
--5.0
--7.5
--10.0
--12.5
--15.0
0
--1
--2
--3
--4
--6
--8
--5
--7
25
°C
75
°C
VDS= --10V
Tc=25
°C
ID -- VGS
Tc= --25°C
IT03700
RDS(on) -- Tc
ID= --5A
--2.5A
--1A
V GS
= -
-10V
--20V
--10.0V
--4.0V
--5.0V
--6.0V
--4.5V
VGS= --3.5V
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
0.5
1.0
1.5
2.0
2.5
3.0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0
--5
--10
--15
--20
--25
--30
1000
2
3
5
7
10000
100
2
3
5
7
3
5
7
--0.1
IT03704
Ciss, Coss, Crss -- VDS
--1.0
2
3
5
7
--10
2
3
2
3
5
7
--0.01
2
3
5
7
IT03703
IF -- VSD
VGS=0
IT03701
VDS= --10V
--1.0
--0.1
27
5
3
32
7
5
--1.0
2
3
5
3
5
7
yfs -- ID
--50
--25
0
25
50
75
100
125
150
IT03702
VGS(off) -- Tc
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
VDS= --10V
ID= --1mA
Tc=
--25
°C
75
°C
25
°C
f=1MHz
Ciss
Coss
Crss
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Case Temperature, Tc --
°C


同様の部品番号 - 2SJ522

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SJ520 SANYO-2SJ520 Datasheet
44Kb / 4P
   Load Switching Applications
logo
VBsemi Electronics Co.,...
2SJ520 VBSEMI-2SJ520 Datasheet
1,016Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
2SJ525 TOSHIBA-2SJ525 Datasheet
133Kb / 2P
   P CHANNEL NOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ525 TOSHIBA-2SJ525 Datasheet
158Kb / 3P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ525 TOSHIBA-2SJ525 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
More results

同様の説明 - 2SJ522

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com