データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54503IHZ-T データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL54503IHZ-T
部品情報  1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54503IHZ-T データシート(HTML) 1 Page - Intersil Corporation

  ISL54503IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL54503IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL54503IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL54503IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL54503IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL54503IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL54503IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL54503IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL54503IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
+1.8V to +5.5V, 2.5Ω, Single SPDT Analog Switch
ISL54503
The Intersil ISL54503 device is a low ON-resistance, low
voltage, bidirectional, single pole/double throw (SPDT)
analog switch designed to operate from a single +1.8V
to +5.5V supply. Targeted applications include battery
powered equipment that benefit from low ON-resistance
(2.5Ω) and fast switching speeds (tON = 25ns,
tOFF = 15ns). The digital logic input is 1.8V CMOS
compatible when using a single +3V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins
may be limited and digital geometries are not well
suited to analog switch performance. This part may be
used to “mux-in” additional functionality while reducing
ASIC design risk. The ISL54503 is offered in a 6 Ld
1.2mmx1.0mmx0.4mm pitch µTDFN package and a
6Ld SOT-23 package, alleviating board space
limitations.
The ISL54503 is a committed SPDT that consist of one
normally open (NO) and one normally closed (NC)
switch. This configuration can also be used as a 2-to-1
multiplexer.
Features
• ON-resistance (rON)
-VCC = +5.0V. . . . . . . . . . . . . . . . . . . . . 2.5Ω
-VCC = +3.0V. . . . . . . . . . . . . . . . . . . . . 4.0Ω
-VCC = +1.8V. . . . . . . . . . . . . . . . . . . . . 7.0Ω
•rON matching between channels . . . . . . . . . . . 3mΩ
•rON flatness (+4.5V Supply) . . . . . . . . . . . . . 0.6Ω
• Single supply operation . . . . . . . . +1.8V to +5.5V
• Fast switching action (+4.5V Supply)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . 15ns
• Guaranteed break-before-make
• ESD HBM rating . . . . . . . . . . . . . . . . . . . . . . . 6kV
• 1.8V CMOS logic compatible (+3V supply)
• Available in 6 Ld µTDFN and 6 Ld SOT-23 packages
• Pb-free available (RoHS compliant)
Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
-Pagers
- Laptops, notebooks, palmtops
• Portable test and measurement
• Medical equipment
• Audio and video switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL54503
Number of Switches
1
SW
SPDT or 2-1 MUX
1.8V rON
1.8V tON/tOFF
65ns/40ns
3V rON
3V tON/tOFF
30ns/20ns
5V rON
2.5Ω
5V tON/tOFF
25ns/15ns
Package
6 Ld µTDFN, 6 Ld SOT-23
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
October 26, 2009
FN6551.2


同様の部品番号 - ISL54503IHZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54503IHZ-T RENESAS-ISL54503IHZ-T Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
More results

同様の説明 - ISL54503IHZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
logo
Analog Devices
ADG786 AD-ADG786 Datasheet
144Kb / 12P
   2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
REV. 0
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
logo
Vishay Siliconix
DG3516 VISHAY-DG3516_11 Datasheet
131Kb / 10P
   300 MHz, 2.5ohm, Dual SPDT Analog Switches
Rev. D, 13-Jun-11
logo
Texas Instruments
1633921 TI-1633921 Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com