データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL4244EIRZ データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL4244EIRZ
部品情報  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4244EIRZ データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL4244EIRZ Datasheet HTML 3Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 4Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 5Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 6Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 7Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 8Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 9Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 10Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
ENHANCED AUTOMATIC POWERDOWN (FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to
INVALID High
See Figure 6
Full
-2.7
-
2.7
V
Receiver Input Thresholds to
INVALID Low
See Figure 6
Full
-0.3
-
0.3
V
INVALID, Output Voltage Low
IOUT = 1.6mA
Full
-
-
0.4
V
INVALID, Output Voltage High
IOUT = -1.0mA
Full
VCC-0.6
-
-
V
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
25
-
0.5
1
µs
Full
-
0.9
1.5
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
ISL4238E
25
-
60
100
µs
Full
100
150
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
ISL4244E/45E
25
-
30
50
µs
Full
40
60
µs
Receiver or Transmitter Edge to
Transmitters Enabled Delay (tWU)
Note 5
Full
-
20
100
µs
Receiver or Transmitter Edge to
Transmitters Disabled Delay
(tAUTOPWDN)
Note 5
Full
15
30
60
sec
TIMING CHARACTERISTICS
Maximum Data Rate
ISL4238E/44E
RL =3kΩ, CL = 1000pF, One Transmitter Switching
Full
250
500
-
kbps
Maximum Data Rate
ISL4245E
RL = 3kΩ, One Transmitter
Switching
CL = 1000pF
Full
250
900
-
kbps
VCC = 3V to 4.5V, CL = 250pF
Full
1000
2000
-
kbps
VCC = 4.5V to 5.5V,
CL = 1000pF
Full
1000
1500
-
kbps
Receiver Propagation Delay
Receiver Input to Receiver
Output,
CL = 150pF
tPHL
25
-
0.15
0.3
µs
Full
-
0.2
0.35
µs
tPLH
25
-
0.3
0.5
µs
Full
-
0.35
0.55
µs
Receiver Skew
tPHL - tPLH, CL = 150pF
25
-
120
250
ns
Full
-
150
300
ns
Transmitter Propagation Delay
ISL4238E/44E
Transmitter Input to
Transmitter Output,
CL = 1000pF, RL = 3kΩ
tPHL
25
-
0.75
1
µs
Full
-
0.85
1.1
µs
tPLH
25
-
0.8
1
µs
Full
-
0.9
1.1
µs
Transmitter Skew ISL4238E/44E
tPHL - tPLH (Note 7), RL = 3kΩ, CL = 1000pF
25
-
50
200
ns
Full
-
100
250
ns
Transmitter Propagation Delay
ISL4245E
Transmitter Input to
Transmitter Output,
CL = 1000pF, RL = 3kΩ
tPHL
25
-
0.4
0.8
µs
Full
-
0.5
0.8
µs
tPLH
25
-
0.35
0.7
µs
Full
-
0.4
0.7
µs
Transmitter Skew ISL4245E
tPHL - tPLH (Note 6), RL = 3kΩ, CL = 1000pF
25
-
50
200
ns
Full
-
60
250
ns
Electrical Specifications
Test Conditions: ISL4238E VCC = 3.15V to 5.5V, C1 - C4 = 0.1µF; VCC = 3V, C1 - C4 = 0.22µF;
ISL424XE VCC = 3V to 5.5V, C1 - C4 = 0.1µF; Unless Otherwise Specified. Typicals are at TA = 25
oC
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
ISL4238E, ISL4244E, ISL4245E


同様の部品番号 - ISL4244EIRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL4244EIRZ INTERSIL-ISL4244EIRZ Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
logo
Renesas Technology Corp
ISL4244EIRZ RENESAS-ISL4244EIRZ Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4244EIRZ-T RENESAS-ISL4244EIRZ-T Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results

同様の説明 - ISL4244EIRZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL4270E RENESAS-ISL4270E Datasheet
704Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com