データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL4245EIRZ-T データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL4245EIRZ-T
部品情報  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4245EIRZ-T データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL4245EIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL4245EIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL4245EIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL4245EIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL4245EIRZ-T Datasheet HTML 9Page - Intersil Corporation ISL4245EIRZ-T Datasheet HTML 10Page - Intersil Corporation ISL4245EIRZ-T Datasheet HTML 11Page - Intersil Corporation ISL4245EIRZ-T Datasheet HTML 12Page - Intersil Corporation ISL4245EIRZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Transmitter inputs on the ISL424XE float if left unconnected,
and may cause ICC increases. Connect unused inputs to
GND for the best performance. ISL4238E transmitter inputs
incorporate an active positive feedback resistor that
maintains the last input state in the absence of a forcing
signal, so unused transmitter inputs may be left
unconnected.
Receivers
ISL4238E/4XE devices contain standard inverting receivers
which can tristate via the FORCEOFF control line.
Additionally, they include a noninverting (monitor) receiver
(denoted by the ROUTB label) that is always active,
regardless of the state of any control lines. Both receiver
types convert RS-232 signals to CMOS output levels and
accept inputs up to
±25V while presenting the required 3kΩ
to 7k
Ω input impedance (see Figure 1) even if the power is
off (VCC = 0V). The receivers’ Schmitt trigger input stage
uses hysteresis to increase noise immunity and decrease
errors due to slow input signal transitions.
The ISL4238E/4XE inverting receivers disable during forced
(manual) powerdown, but not during automatic powerdown
(see Table 2). Conversely, the monitor receiver remains
active even during manual powerdown making it extremely
useful for Ring Indicator monitoring. Standard receivers
driving powered down peripherals must be disabled to
prevent current flow through the peripheral’s protection
diodes (see Figures 2 and 3). This renders them useless for
wake up functions, but the corresponding monitor receiver
can be dedicated to this task as shown in Figure 3.
Low Power Operation
These 3V devices require a nominal supply current of
0.3mA, even at VCC = 5.5V, during normal operation (not in
powerdown mode). This is considerably less than the 5mA to
11mA current required by comparable 5V RS-232 devices,
allowing users to reduce system power simply by switching
to this new family.
TABLE 2. POWERDOWN LOGIC TRUTH TABLE
RCVR OR
XMTR
EDGE
WITHIN 30
SEC?
FORCEOFF
INPUT
FORCEON
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
ROUTB
OUTPUTS
RS-232
LEVEL
PRESENT
AT
RECEIVER
INPUT?
INVALID
OUTPUT
MODE OF OPERATION
NO
H
H
Active
Active
Active
NO
L
Normal Operation (Enhanced
Auto Powerdown Disabled)
NO
H
H
Active
Active
Active
YES
H
YES
H
L
Active
Active
Active
NO
L
Normal Operation (Enhanced
Auto Powerdown Enabled)
YES
H
L
Active
Active
Active
YES
H
NO
H
L
High-Z
Active
Active
NO
L
Powerdown Due to Enhanced
Auto Powerdown Logic
NO
H
L
High-Z
Active
Active
YES
H
X
L
X
High-Z
High-Z
Active
NO
L
Manual Powerdown
X
L
X
High-Z
High-Z
Active
YES
H
INVALID DRIVING FORCEON AND FORCEOFF (EMULATES AUTOMATIC POWERDOWN)
X
NOTE 8
NOTE 8
Active
Active
Active
YES
H
Normal Operation
X
NOTE 8
NOTE 8
High-Z
High-Z
Active
NO
L
Forced Auto Powerdown
NOTE:
8. Input is connected to INVALID Output.
RXOUT
GND
≤ VROUT ≤ VCC
5k
RXIN
-25V
≤ VRIN ≤ +25V
GND
VCC
FIGURE 1. INVERTING RECEIVER CONNECTIONS
FIGURE 2. POWER DRAIN THROUGH POWERED DOWN
PERIPHERAL
OLD
VCC
POWERED
GND
SHDN = GND
VCC
Rx
Tx
VCC
CURRENT
VOUT = VCC
FLOW
RS-232 CHIP
DOWN
UART
ISL4238E, ISL4244E, ISL4245E


同様の部品番号 - ISL4245EIRZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL4245EIRZ-T INTERSIL-ISL4245EIRZ-T Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
logo
Renesas Technology Corp
ISL4245EIRZ-T RENESAS-ISL4245EIRZ-T Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results

同様の説明 - ISL4245EIRZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL4270E RENESAS-ISL4270E Datasheet
704Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com