データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29001IROZ-T7 データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL29001IROZ-T7
部品情報  Light-to-Digital Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29001IROZ-T7 データシート(HTML) 2 Page - Intersil Corporation

  ISL29001IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29001IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6166.5
February 8, 2007
Absolute Maximum Ratings (TA = +25°C)
Maximum Supply Voltage between VDD and GND . . . . . . . . . . 3.6V
I2C Bus Pin Voltage (SCL, SDA) . . . . . . . . . . . . . . . . . -0.2V to 5.5V
I2C Bus Pin Current (SCL, SDA) . . . . . . . . . . . . . . . . . . . . . . <10mA
REXT Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to 3.6V
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-45°C to +85°C
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -45°C to +100°C
ESD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VDD = 3V, TA = +25°C, REXT = 100kΩ, internally controlled integration timing (Note 1), unless otherwise
specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VDD
Power Supply Range
2.25
3.63
V
IDD
Supply Current
0.28
0.33
mA
IDD1
Supply Current
Software disabled
0.09
0.10
mA
IDD2
Supply Current
PD = 3V
0.5
µA
FUPD
Internal Update Time
Mode 1 and Mode 2 (Note 2)
85
105
126
ms
fosc
Internal Oscillator Frequency
312
kHz
FI2CI2C Clock Rate
(Note 3)
1
400
kHz
DATA0
ADC Code
Ev = 0lux
1
Counts
DATA1
ADC Code
Full scale ADC count value
32768
Counts
DATA2
ADC Code
Ev = 300lux, fluorescent light, Mode 1 (Note 4)
738
983
1254
Counts
DATA3
ADC Code
Ev = 300lux, fluorescent light, Mode 2 (Note 4)
98
Counts
VREF
Voltage of REXT Pin
0.487
0.51
0.533
V
VTL
SCL and SDA Threshold LO
(Note 5)
1.05
V
VTH
SCL and SDA Threshold HI
(Note 5)
1.95
V
ISDA
SDA Current Sinking Capability
3
5
mA
IPD
PD Pin Leakage Current
PD = VDD
0.1
µA
ton
Enable Time
PD = HI to LO
2
µs
toff
Disable Time
PD = LO to HI
50
ns
NOTES:
1. See Principle of Operation
2. There are three modes of the ADC’s operations. In Mode 1, the ADC integrates the current of the photodiode which is sensitive to visible and
infrared light. In Mode 2, the ADC integrates the current of the photodiode which is sensitive only to infrared light.
3. Minimum I2C Clock Rate is guaranteed by design.
4. Fluorescent light is substituted by an LED at production.
5. The voltage threshold levels of the SDA and SCL pins are VDD dependent: VTL = 0.35*VDD. VTH = 0.65*VDD.
ISL29001


同様の部品番号 - ISL29001IROZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
   Light-to-Digital Sensor
ISL29001
More results

同様の説明 - ISL29001IROZ-T7

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
[Old version datasheet]   Light-to-Digital Sensor
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
   Light-to-Digital Sensor
ISL29001
ISL76683_1103 INTERSIL-ISL76683_1103 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
logo
Intersil Corporation
ISL29002 INTERSIL-ISL29002 Datasheet
196Kb / 10P
   Light-to-Digital I2C Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
Intersil Corporation
ISL29034 INTERSIL-ISL29034_14 Datasheet
387Kb / 15P
   Integrated Digital Light Sensor
April 9, 2014
logo
Everlight Electronics C...
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8_15 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
   DIGITAL AMBIENT LIGHT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com