データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ590LS データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 2SJ590LS
部品情報  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ590LS データシート(HTML) 1 Page - Sanyo Semicon Device

  2SJ590LS Datasheet HTML 1Page - Sanyo Semicon Device 2SJ590LS Datasheet HTML 2Page - Sanyo Semicon Device 2SJ590LS Datasheet HTML 3Page - Sanyo Semicon Device 2SJ590LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SJ590LS
No.7149-1/4
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7149
2SJ590LS
Package Dimensions
unit : mm
2078C
[2SJ590LS]
11502 TS IM TA-3295
P-Channel Silicon MOSFET
DC / DC Converter Applications
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--60
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--20
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--80
A
Allowable Power Dissipation
PD
2.0
W
Tc=25
°C25
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--60V, VGS=0
--10
µA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.0
--2.4
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--10A
13
18
S
RDS(on)1
ID=--10A, VGS=--10V
43
56
m
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--10A, VGS=--4V
62
87
m
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220FI(LS)
0.7
2.55
2.55
1.2
0.9
0.75
1.2
4.5
2.8
12 3
10.0
3.2
Features
Low ON-resistance.
4V drive.


同様の部品番号 - 2SJ590LS

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SJ591 SANYO-2SJ591 Datasheet
32Kb / 4P
   DC / DC Converter Applications
2SJ591LS SANYO-2SJ591LS Datasheet
32Kb / 4P
   DC / DC Converter Applications
2SJ594 SANYO-2SJ594 Datasheet
31Kb / 4P
   DC / DC Converter Applications
2SJ595 SANYO-2SJ595 Datasheet
47Kb / 4P
   2SJ595
2SJ596 SANYO-2SJ596 Datasheet
29Kb / 4P
   DC / DC Converter Applications
More results

同様の説明 - 2SJ590LS

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com