データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL45042AIRZ-T データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL45042AIRZ-T
部品情報  LCD Module Calibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45042AIRZ-T データシート(HTML) 2 Page - Intersil Corporation

  ISL45042AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL45042AIRZ-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN6158.2
October 13, 2006
Pin Descriptions
PIN
FUNCTION
OUT
Adjustable Sink Current Output Pin. The current sinks into the OUT pin is equal to the DAC setting times the maximum adjustable sink
current divided by 128. See SET pin function description for the maxim adjustable sink current setting.
AVDD
High-Voltage Analog Supply. Connects to top of external resistor divider to determine the VCOM voltage. Typically 10V to 20V. Bypass
to GND with 0.1µF de-coupling capacitor.
N/C
No Connect. Not internally connected.
GND
Ground connection.
VDD
ISL45042A power supply input. Bypass to GND with 0.1µF de-coupling capacitor.
CTL
Internal Counter Up/Down Control and Internal EEPROM Programming Control Input. If CE is high, a mid-to-low transition increments
the 7-bit counter, raising the DAC setting, increasing the OUT sink current, and lowering the divider voltage at OUT. A mid-to-high
transition decrements the 7-bit counter, lowering the DAC setting, decreasing the OUT sink current, and increasing the divider voltage
at OUT. Applying 4.9V and above with appropriately arranged timing will overwrite EEPROM with the contents in the 7-bit counter.
See EEPROM Programming section for details.
CE
Counter Enable Pin. Connect CE to VDD to enable adjustment of the output sink current. Float or connect CE to GND to prevent
further adjustment or programming (note: the CE pin has an internal pull down resistor).
SET
Maximum Sink Current Adjustment Point. Connect a resistor from the SET pin to GND to set the maximum adjustable sink current of
the OUT pin. The maximum adjustable sink current is equal to (AVDD/20) divided by RSET. The maximum set current has to be less
than 120
µA.
Block Diagram
ISL45042A
DIGITAL INTERFACE
WITH THRESHOLD
SENSORS
UP/DOWN COUNTER
WITH PRESET
LATCHES
EEPROM
OR
NVL MEMORY
ANALOG DCP AND
CURRENT OUTPUT
BLOCK
AVDD
IOUT
SET
CTL
CE
VDD
GND
UP
DWN
PWRUP
PRGM
POR
POR
PRGM
IBIAS
READ
PRGM MEMORY
400k
to
500k
ISL45042A


同様の部品番号 - ISL45042AIRZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL45042AIRZ-T INTERSIL-ISL45042AIRZ-T Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042AIRZ-T RENESAS-ISL45042AIRZ-T Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042AIRZ-TK INTERSIL-ISL45042AIRZ-TK Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042AIRZ-TK RENESAS-ISL45042AIRZ-TK Datasheet
442Kb / 8P
   LCD Module Calibrator
More results

同様の説明 - ISL45042AIRZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_11 Datasheet
353Kb / 9P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
350Kb / 9P
   LCD Module Calibrator
April 13, 2011
ISL45042A INTERSIL-ISL45042A_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com