データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28005FH20Z-T7 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL28005FH20Z-T7
部品情報  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005FH20Z-T7 データシート(HTML) 1 Page - Intersil Corporation

  ISL28005FH20Z-T7 Datasheet HTML 1Page - Intersil Corporation ISL28005FH20Z-T7 Datasheet HTML 2Page - Intersil Corporation ISL28005FH20Z-T7 Datasheet HTML 3Page - Intersil Corporation ISL28005FH20Z-T7 Datasheet HTML 4Page - Intersil Corporation ISL28005FH20Z-T7 Datasheet HTML 5Page - Intersil Corporation ISL28005FH20Z-T7 Datasheet HTML 6Page - Intersil Corporation ISL28005FH20Z-T7 Datasheet HTML 7Page - Intersil Corporation ISL28005FH20Z-T7 Datasheet HTML 8Page - Intersil Corporation ISL28005FH20Z-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Micropower, Rail-to-Rail Input Current Sense
Amplifier with Voltage Output
ISL28005
The ISL28005 is a micropower, uni-directional
high-side and low-side current sense amplifier
featuring a proprietary rail-to-rail input current sensing
amplifier. The ISL28005 is ideal for high-side current
sense applications where the sense voltage is usually
much higher than the amplifier supply voltage. The
device can be used to sense voltages as high as 28V
when operating from a supply voltage as low as 2.7V.
The micropower ISL28005 consumes only 50µA of supply
current when operating from a 2.7V to 28V supply.
The ISL28005 features a common-mode input voltage
range from 0V to 28V. The proprietary architecture
extends the input voltage sensing range down to 0V,
making it an excellent choice for low-side ground sensing
applications. The benefit of this architecture is that a high
degree of total output accuracy is maintained over the
entire 0V to 28V common mode input voltage range.
The ISL28005 is available in fixed (100V/V, 50V/V and
20V/V) gains in the space saving 5 Ld SOT-23 package.
The parts operate over the extended temperature range
from -40°C to +125°C.
Features
• Low Power Consumption . . . . . . . . . . . 50µA,Typ
• Supply Range. . . . . . . . . . . . . . . . . . 2.7V to 28V
• Wide Common Mode Input . . . . . . . . . 0V to 28V
• Fixed Gain Versions
- ISL28005-100 . . . . . . . . . . . . . . . . . . . 100V/V
- ISL28005-50. . . . . . . . . . . . . . . . . . . . . 50V/V
- ISL28005-20. . . . . . . . . . . . . . . . . . . . . 20V/V
• Operating Temperature Range . . -40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . .5 Ld SOT-23
Applications*(see page 13)
• Power Management/Monitors
• Power Distribution and Safety
• DC/DC, AC/DC Converters
• Battery Management /Charging
• Automotive Power Distribution
Related Literature*(see page 13)
•See AN1531 for “ISL28005 Evaluation Board User’s
Guide”
Typical Application
High-Side And Low-Side
Threshold Voltage
ISL28005
GND
ISL28005
ISL28005
+5VDC
+12VDC
+
-
+1.0VDC
+1.0VDC
SENSE
SENSE
SENSE
OUTPUT
+5VDC
OUTPUT
+12VDC
OUTPUT
MULTIPLE
OUTPUT
POWER SUPPLY
ISENSE
+12VDC
ISENSE
+5VDC
ISENSE
+1.0VDC
+
-
+
-
RSENSE
+5VDC
+5VDC
+5VDC
RSENSE
RSENSE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TIME (ms)
VTH(L-H) = 1.52V
VTH(H-L) = 1.23V
VRS+
G100, VOUT = 1V
G50, VOUT = 500mV
G20, VOUT = 200mV
VOUT (G=100)
May 27, 2010
FN6973.2


同様の部品番号 - ISL28005FH20Z-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28005FH20Z-T7 INTERSIL-ISL28005FH20Z-T7 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28005FH20Z-T7 INTERSIL-ISL28005FH20Z-T7 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH20Z-T7 INTERSIL-ISL28005FH20Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005FH20Z-T7 RENESAS-ISL28005FH20Z-T7 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005FH20Z-T7A INTERSIL-ISL28005FH20Z-T7A Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
More results

同様の説明 - ISL28005FH20Z-T7

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com