データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL35111DRZ-TS データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL35111DRZ-TS
部品情報  11.1Gb/s Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35111DRZ-TS データシート(HTML) 6 Page - Intersil Corporation

  ISL35111DRZ-TS Datasheet HTML 1Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 2Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 3Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 4Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 5Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 6Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 7Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 8Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN6975.1
January 27, 2010
CML Input and Output Buffers
The input and output buffers for the high-speed data
channel in the ISL35111 are implemented using CML.
Equivalent input and output circuits are shown in
Figures 6 and 7.
Adjustable De-Emphasis
ISL35111 features a settable de-emphasis driver for
custom signal restoration.
The connectivity of the DE pins are used to determine the
boost de-emphasis level of ISL35111. Table 1 defines the
mapping from the 2-bit non-binary DE word to the 7
available output de-emphasis levels.
Disable Pin
The disable (TDSBL) pin is used to disable the driver
output in order to implement TX_Disable functions of
such industry standards as SFP+ and QSFP. When this
pin is pulled HIGH, the ISL35111 will enter a low-power
standby mode. For active data transmission, this pin
must be pulled LOW.
Line Silence/Quiescent Mode
The ISL35111 is capable of maintaining periods of line
silence by monitoring its input pins for loss of signal
(LOS) conditions and subsequently muting the output
driver when such a condition is detected. A reference
voltage applied to the detection threshold (DT) pin is
used to set the LOS threshold of the internal signal
detection circuitry. For most applications, it is
recommended to leave the DT pin floating at its default
internal bias. If the sensitivity of the detection threshold
needs to be adjusted, the DT voltage can be adjusted
with an external pull-up resistor. The resistor values
should be validated on an application-specific basis.
Connect the DT pin to ground in order to disable this
feature and prevent the outputs from muting during line
silence.
FIGURE 6. CML INPUT EQUIVALENT CIRCUIT FOR THE
ISL35111
FIGURE 7. CML OUTPUT EQUIVALENT CIRCUIT FOR
THE ISL35111
IN[P]
IN[N]
1
st LA
Stage
VDD
50O
50O
2kO
10kO
Ω
Ω
Ω
Ω
VDD
50O
50O
OUT[P]
OUT[N]
Ω
Ω
TABLE 1. MAPPING BETWEEN DE-EMPHASIS LEVEL
AND DE-PIN CONNECTIVITY
DE PIN
CONNECTION
NOMINAL
DE-EMPHASIS LEVEL;
10.3125Gbps TO
11.1Gbps (dB)
DE-EMPHASIS
SETTING
DE[A]
DE[B]
Open
Open
0
0
Open
GND
0.6
1
Open
VDD
1.1
2
GND
Open
1.6
3
GND
GND
2.3
4
GND
VDD
3
5
VDD
Open
4
6
ISL35111


同様の部品番号 - ISL35111DRZ-TS

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL35111DRZ-TS INTERSIL-ISL35111DRZ-TS Datasheet
531Kb / 8P
   11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111DRZ-TS RENESAS-ISL35111DRZ-TS Datasheet
864Kb / 9P
   11.1Gb/s Driver
More results

同様の説明 - ISL35111DRZ-TS

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL35111 INTERSIL-ISL35111 Datasheet
531Kb / 8P
   11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111 RENESAS-ISL35111 Datasheet
864Kb / 9P
   11.1Gb/s Driver
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
QLX111GRX INTERSIL-QLX111GRX Datasheet
467Kb / 10P
   11.1Gb/s Lane Extender
logo
Renesas Technology Corp
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
   11.1Gb/s Lane Extender
logo
TriQuint Semiconductor
TGA4947-SL TRIQUINT-TGA4947-SL Datasheet
323Kb / 1P
   Dual channel 40Gb/s & 100Gb/s Modulator Driver
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
   11.3 Gb/s EML Driver
logo
Zarlink Semiconductor I...
PX6419 ZARLINK-PX6419 Datasheet
226Kb / 3P
   12x10 Gb/s VCSEL Driver
logo
TriQuint Semiconductor
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
   28Gb/s CFP2 Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com