データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT162244 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74ABT162244
部品情報  16-bit buffer/line driver with 30 廓 series termination resistors 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT162244 データシート(HTML) 1 Page - NXP Semiconductors

  74ABT162244_10 Datasheet HTML 1Page - NXP Semiconductors 74ABT162244_10 Datasheet HTML 2Page - NXP Semiconductors 74ABT162244_10 Datasheet HTML 3Page - NXP Semiconductors 74ABT162244_10 Datasheet HTML 4Page - NXP Semiconductors 74ABT162244_10 Datasheet HTML 5Page - NXP Semiconductors 74ABT162244_10 Datasheet HTML 6Page - NXP Semiconductors 74ABT162244_10 Datasheet HTML 7Page - NXP Semiconductors 74ABT162244_10 Datasheet HTML 8Page - NXP Semiconductors 74ABT162244_10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74ABT162244 high-performance Bipolar CMOS (BiCMOS) device combines low
static and dynamic power dissipation with high speed and high output drive.
The 74ABT162244 is a 16-bit buffer that is ideal for driving bus lines. The device features
four output enable inputs (1OE, 2OE, 3OE, 4OE), each controlling four of the 3-state
outputs.
The 74ABT162244 is designed with 30
Ω series resistance in both the upper and lower
output structures. This design reduces line noise in applications such as memory address
drivers, clock drivers and bus receivers/transmitters.
2.
Features and benefits
16-bit bus interface
Multiple VCC and GND pins minimize switching noise
Power-up 3-state
3-state buffers
Output capability: +12 mA and
−32 mA
Live insertion and extraction permitted
Latch-up performance: JESD 78 Class II
ESD protection:
HBM JESD-A114E exceeds 2000 V
CDM JESD 22-C101-C exceeds 1000 V
3.
Ordering information
74ABT162244
16-bit buffer/line driver with 30
Ω series termination resistors;
3-state
Rev. 05 — 25 May 2010
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ABT162244DGG
−40 °C to +85 °C
TSSOP48
plastic thin shrink small outline package; 48 leads;
body width 6.1 mm
SOT362-1
74ABT162244DL
−40 °C to +85 °C
SSOP48
plastic shrink small outline package; 48 leads; body
width 7.5 mm
SOT370-1


同様の部品番号 - 74ABT162244_10

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244_15 Datasheet
112Kb / 15P
   16-bit buffer/line driver with 30 ??series termination resistors; 3-state
Rev. 6-3 November 2011
More results

同様の説明 - 74ABT162244_10

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244_15 Datasheet
112Kb / 15P
   16-bit buffer/line driver with 30 ??series termination resistors; 3-state
Rev. 6-3 November 2011
74ABT162244 NXP-74ABT162244 Datasheet
91Kb / 14P
   16-bit buffer/line driver with 30 W series termination resistors; 3-state
Rev. 04-9 April 2009
logo
Nexperia B.V. All right...
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
   16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Nexperia B.V. All right...
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
logo
Nexperia B.V. All right...
74LVT162244B NEXPERIA-74LVT162244B Datasheet
214Kb / 11P
   3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
logo
NXP Semiconductors
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com