データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54CV データシート(PDF) 1 Page - NXP Semiconductors

部品番号 BAT54CV
部品情報  Two Schottky barrier double diodes in ultra small SOT666 package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT54CV データシート(HTML) 1 Page - NXP Semiconductors

  BAT54CV Datasheet HTML 1Page - NXP Semiconductors BAT54CV Datasheet HTML 2Page - NXP Semiconductors BAT54CV Datasheet HTML 3Page - NXP Semiconductors BAT54CV Datasheet HTML 4Page - NXP Semiconductors BAT54CV Datasheet HTML 5Page - NXP Semiconductors BAT54CV Datasheet HTML 6Page - NXP Semiconductors BAT54CV Datasheet HTML 7Page - NXP Semiconductors BAT54CV Datasheet HTML 8Page - NXP Semiconductors BAT54CV Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
Two planar Schottky barrier double diodes with common cathodes and an integrated
guard ring for stress protection encapsulated in a SOT666 ultra small SMD plastic
package.
1.2 Features
Low forward voltage
Low capacitance
Ultra small SMD plastic package
Flat leads: excellent coplanarity and improved thermal behavior
1.3 Applications
Ultra high-speed switching
Voltage clamping
Line termination
Inverse-polarity protection
1.4 Quick reference data
BAT54CV
Two Schottky barrier double diodes in ultra small SOT666
package
Rev. 02 — 15 January 2010
Objective data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VR
continuous reverse voltage
-
-
30
V
IF
continuous forward current
-
-
200
mA


同様の部品番号 - BAT54CV

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
BAT54CV RECTRON-BAT54CV Datasheet
633Kb / 5P
   SCHOTTKY BARRIER DIODE
logo
Nexperia B.V. All right...
BAT54CV NEXPERIA-BAT54CV Datasheet
194Kb / 8P
   Two Schottky barrier double diodes
27 December 2022
logo
NXP Semiconductors
BAT54CV PHILIPS-BAT54CV_15 Datasheet
271Kb / 10P
   Two Schottky barrier double diodes
Rev. 3-15 November 2010
More results

同様の説明 - BAT54CV

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
BAT54VV NEXPERIA-BAT54VV Datasheet
181Kb / 8P
   Schottky barrier triple diode in ultra small SOT666 package
27 December 2022
logo
NXP Semiconductors
BAT54VV PHILIPS-BAT54VV Datasheet
49Kb / 9P
   Schottky barrier triple diode in ultra small SOT666 package
Rev. 01-14 September 2004
BAT54VV PHILIPS-BAT54VV_15 Datasheet
115Kb / 9P
   Schottky barrier triple diode in ultra small SOT666 package
Rev. 02-15 January 2010
BAT54CV PHILIPS-BAT54CV_15 Datasheet
271Kb / 10P
   Two Schottky barrier double diodes
Rev. 3-15 November 2010
logo
Nexperia B.V. All right...
BAT54CV NEXPERIA-BAT54CV Datasheet
194Kb / 8P
   Two Schottky barrier double diodes
27 December 2022
logo
NXP Semiconductors
PMEG3015EV PHILIPS-PMEG3015EV Datasheet
58Kb / 10P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package
Rev. 01-4 April 2005
PMEG3015EV PHILIPS-PMEG3015EV_15 Datasheet
112Kb / 10P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package
Rev. 02-4 February 2010
logo
Nexperia B.V. All right...
11PS76SB21_SER NEXPERIA-11PS76SB21_SER Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
logo
NXP Semiconductors
1PS76SB21_15 PHILIPS-1PS76SB21_15_15 Datasheet
93Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06-21 December 2006
PMEG3002TV PHILIPS-PMEG3002TV Datasheet
57Kb / 10P
   0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package
Rev. 01-21 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com