データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC139 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74AHC139
部品情報  Dual 2-to-4 line decoder/demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC139 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC139_08 Datasheet HTML 3Page - NXP Semiconductors 74AHC139_08 Datasheet HTML 4Page - NXP Semiconductors 74AHC139_08 Datasheet HTML 5Page - NXP Semiconductors 74AHC139_08 Datasheet HTML 6Page - NXP Semiconductors 74AHC139_08 Datasheet HTML 7Page - NXP Semiconductors 74AHC139_08 Datasheet HTML 8Page - NXP Semiconductors 74AHC139_08 Datasheet HTML 9Page - NXP Semiconductors 74AHC139_08 Datasheet HTML 10Page - NXP Semiconductors 74AHC139_08 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74AHC_AHCT139_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 May 2008
7 of 14
NXP Semiconductors
74AHC139; 74AHCT139
Dual 2-to-4 line decoder/demultiplexer
10. Dynamic characteristics
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
74AHC139
tpd
propagation
delay
nAn to nYn; see Figure 5
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.5
11.0
1.0
13.0
1.0
14.0
ns
CL = 50 pF
-
7.9
14.5
1.0
16.5
1.0
18.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.9
7.2
1.0
8.5
1.0
9.0
ns
CL = 50 pF
-
5.6
9.2
1.0
10.5
1.0
11.5
ns
nEtonYn; see Figure 6
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
4.8
9.2
1.0
11.0
1.0
11.5
ns
CL = 50 pF
-
6.9
12.7
1.0
14.5
1.0
16.0
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.4
6.3
1.0
7.5
1.0
8.0
ns
CL = 50 pF
-
4.9
8.3
1.0
9.5
1.0
10.5
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3]
-26
-
-
-
-
-
pF
74AHCT139; VCC = 4.5 V to 5.5 V
tpd
propagation
delay
nAn to nYn; see Figure 5
[2]
CL = 15 pF
-
4.7
7.2
1.0
8.5
1.0
9.0
ns
CL = 50 pF
-
6.5
9.2
1.0
10.5
1.0
11.5
ns
nEtonYn; see Figure 6
[2]
CL = 15 pF
-
3.6
6.3
1.0
7.5
1.0
8.0
ns
CL = 50 pF
-
5.2
8.3
1.0
9.5
1.0
10.5
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3]
-23
-
-
-
-
-
pF


同様の部品番号 - 74AHC139_08

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
logo
NXP Semiconductors
74AHC139D PHILIPS-74AHC139D Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Nexperia B.V. All right...
74AHC139D NEXPERIA-74AHC139D Datasheet
592Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02 - 9 May 2008
74AHC139D-Q100 NEXPERIA-74AHC139D-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
logo
NXP Semiconductors
74AHC139PW PHILIPS-74AHC139PW Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
More results

同様の説明 - 74AHC139_08

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com