データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA208S-600B データシート(PDF) 5 Page - NXP Semiconductors

部品番号 BTA208S-600B
部品情報  Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208S-600B データシート(HTML) 5 Page - NXP Semiconductors

  BTA208S-600B Datasheet HTML 1Page - NXP Semiconductors BTA208S-600B Datasheet HTML 2Page - NXP Semiconductors BTA208S-600B Datasheet HTML 3Page - NXP Semiconductors BTA208S-600B Datasheet HTML 4Page - NXP Semiconductors BTA208S-600B Datasheet HTML 5Page - NXP Semiconductors BTA208S-600B Datasheet HTML 6Page - NXP Semiconductors BTA208S-600B Datasheet HTML 7Page - NXP Semiconductors BTA208S-600B Datasheet HTML 8Page - NXP Semiconductors BTA208S-600B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
9397 750 14861
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 31 May 2005
5 of 13
Philips Semiconductors
BTA208S-600B; BTA208S-800B
Three-quadrant triacs high commutation
5.
Thermal characteristics
Table 4:
Thermal characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction
to mounting base
full cycle; see Figure 6
-
-
2.0
K/W
half cycle; see Figure 6
-
-
2.4
K/W
Rth(j-a)
thermal resistance from junction to
ambient
printed-circuit board (FR4)
mounted; footprint as in Figure 14
-
75
-
K/W
Fig 6.
Transient thermal impedance from junction to mounting base as a function of pulse width
001aac673
tp (s)
10−5
110
10−1
10−2
10−4
10−3
1
10−1
10
Zth(j−mb)
(K/W)
10−2
unidirectional
bidirectional
tp
PD
t


同様の部品番号 - BTA208S-600B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA208S-600B PHILIPS-BTA208S-600B Datasheet
49Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208S-600B NXP-BTA208S-600B Datasheet
163Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 3-13 April 2011
BTA208S-600B PHILIPS-BTA208S-600B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA208S-600B WEEN-BTA208S-600B Datasheet
314Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA208S-600B NXP-BTA208S-600B_11 Datasheet
163Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 3-13 April 2011
More results

同様の説明 - BTA208S-600B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com