データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA208S-600B データシート(PDF) 1 Page - NXP Semiconductors

部品番号 BTA208S-600B
部品情報  Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208S-600B データシート(HTML) 1 Page - NXP Semiconductors

  BTA208S-600B Datasheet HTML 1Page - NXP Semiconductors BTA208S-600B Datasheet HTML 2Page - NXP Semiconductors BTA208S-600B Datasheet HTML 3Page - NXP Semiconductors BTA208S-600B Datasheet HTML 4Page - NXP Semiconductors BTA208S-600B Datasheet HTML 5Page - NXP Semiconductors BTA208S-600B Datasheet HTML 6Page - NXP Semiconductors BTA208S-600B Datasheet HTML 7Page - NXP Semiconductors BTA208S-600B Datasheet HTML 8Page - NXP Semiconductors BTA208S-600B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Passivated high commutation triac in a plastic envelope, suitable for surface mounting,
intended for use in circuits where high static and dynamic dV/dt and high dI/dt can occur.
These devices will commutate the full rated RMS current at the maximum rated junction
temperature, without the aid of a snubber.
1.2 Features
1.3 Quick reference data
2.
Pinning information
[1]
Connected to main terminal 2 (T2).
BTA208S-600B; BTA208S-800B
Three-quadrant triacs high commutation
Rev. 02 — 31 May 2005
Product data sheet
s High maximum junction temperature
s Surface mounting package
s High commutation capability
s Low thermal resistance
s VDRM ≤ 600 V (BTA208S-600B)
s IT(RMS) ≤ 8 A
s VDRM ≤ 800 V (BTA208S-800B)
s ITSM ≤ 65 A
Table 1:
Pinning
Pin
Description
Simplified outline
Symbol
1
main terminal 1 (T1)
SOT428 (DPAK)
2
main terminal 2 (T2)
3
gate (G)
mb
mounting base
[1]
3
2
mb
1
sym051
T1
G
T2


同様の部品番号 - BTA208S-600B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA208S-600B PHILIPS-BTA208S-600B Datasheet
49Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208S-600B NXP-BTA208S-600B Datasheet
163Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 3-13 April 2011
BTA208S-600B PHILIPS-BTA208S-600B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA208S-600B WEEN-BTA208S-600B Datasheet
314Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA208S-600B NXP-BTA208S-600B_11 Datasheet
163Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 3-13 April 2011
More results

同様の説明 - BTA208S-600B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com