データシートサーチシステム |
|
LM7905CT データシート(PDF) 3 Page - Fairchild Semiconductor |
|
LM7905CT データシート(HTML) 3 Page - Fairchild Semiconductor |
3 / 15 page LM79XX 3 Electrical Characteristics (LM7906) (Continued) (VI = -11V, IO = 500mA, 0°C ≤TJ ≤ +125°C, CI =2.2μF, CO =1μF, unless otherwise specified.) Note 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty is used. Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = +25°C -5.75 -6 -6.25 V IO = 5mA to 1A, PO ≤ 15W VI = -9V to -21V -5.7 -6 -6.3 Line Regulation (Note1) ΔVO TJ = +25°C VI = -8V to -25V - 10 120 mV VI = -9V to -13V - 5 60 Load Regulation (Note1) ΔVO TJ = +25°C IO = 5mA to 1.5A - 10 120 mV TJ =+25°C IO = 250mA to 750mA -3 60 Quiescent Current IQ TJ =+25°C- 3 6 mA Quiescent Current Change ΔIQ IO = 5mA to 1A - 0.05 0.5 mA VI = -8V to -25V - 0.1 1.3 Temperature Coefficient of VD ΔVo/ΔTIO = 5mA - -0.5 - mV/ °C Output Noise Voltage VN f = 10Hz to 100kHz TA =+25°C -130 - μV Ripple Rejection RR f = 120Hz ΔVI = 10V 54 60 - dB Dropout Voltage VD TJ = +25°C IO = 1A -2- V Short Circuit Current ISC TJ = +25°C, VI = -35V - 300 - mA Peak Current IPK TJ = +25°C- 2.2 - A |
同様の部品番号 - LM7905CT_09 |
|
同様の説明 - LM7905CT_09 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |